Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF064C Datasheet(PDF) 9 Page - Microchip Technology

Part # SST25VF064C
Description  64 Mbit SPI Serial Dual I/O Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF064C Datasheet(HTML) 9 Page - Microchip Technology

Back Button SST25VF064C Datasheet HTML 5Page - Microchip Technology SST25VF064C Datasheet HTML 6Page - Microchip Technology SST25VF064C Datasheet HTML 7Page - Microchip Technology SST25VF064C Datasheet HTML 8Page - Microchip Technology SST25VF064C Datasheet HTML 9Page - Microchip Technology SST25VF064C Datasheet HTML 10Page - Microchip Technology SST25VF064C Datasheet HTML 11Page - Microchip Technology SST25VF064C Datasheet HTML 12Page - Microchip Technology SST25VF064C Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
©2015 Silicon Storage Technology, Inc.
DS20005036C
04/15
9
64 Mbit SPI Serial Dual I/O Flash
SST25VF064C
EOL Data Sheet
Busy
The Busy bit determines whether there is an internal Erase or Program operation in progress. A ‘1’ for
the Busy bit indicates the device is busy with an operation in progress. A ‘0’ indicates the device is
ready for the next valid operation.
Write Enable Latch (WEL)
The Write-Enable-Latch bit indicates the status of the internal memory Write Enable Latch. If the
Write-Enable-Latch bit is set to ‘1’, it indicates the device is Write enabled. If the bit is set to ‘0’ (reset),
it indicates the device is not Write enabled and does not accept any memory Write (Program/Erase)
commands. The Write-Enable-Latch bit is automatically reset under the following conditions:
•
Power-up
•
Write-Disable (WRDI) instruction completion
•
Write-Status Register instruction completion
•
Page-Program instruction completion
•
Dual-Input Page-Program instruction completion
•
Sector-Erase instruction completion
•
Block-Erase instruction completion
•
Chip-Erase instruction completion
•
Program SID instruction completion
•
Lockout SID instruction completion
Block Protection (BP3,BP2, BP1, BP0)
The Block-Protection (BP3, BP2, BP1, BP0) bits define the size of the memory area, as shown in Table
5, to be software protected against any memory Write (Program or Erase) operation. The Write-Status-
Register (WRSR) instruction is used to program the BP3, BP2, BP1 and BP0 bits as long as WP# is
high or the Block-Protect-Lock (BPL) bit is 0. Chip-Erase can only be executed if Block-Protection bits
are all 0. After power-up, BP3, BP2, BP1 and BP0 are set to the defaults specified in Table 5.
Block Protection Lock-Down (BPL)
WP# pin driven low (VIL), enables the Block-Protection-Lock-Down (BPL) bit. When BPL is set to 1, it pre-
vents any further alteration of the BPL, BP3, BP2, BP1, and BP0 bits. When the WP# pin is driven high
(VIH), the BPL bit has no effect and its value is “Don’t Care”. After power-up, the BPL bit is reset to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com