Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF064C Datasheet(PDF) 1 Page - Microchip Technology

Part # SST25VF064C
Description  64 Mbit SPI Serial Dual I/O Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF064C Datasheet(HTML) 1 Page - Microchip Technology

  SST25VF064C Datasheet HTML 1Page - Microchip Technology SST25VF064C Datasheet HTML 2Page - Microchip Technology SST25VF064C Datasheet HTML 3Page - Microchip Technology SST25VF064C Datasheet HTML 4Page - Microchip Technology SST25VF064C Datasheet HTML 5Page - Microchip Technology SST25VF064C Datasheet HTML 6Page - Microchip Technology SST25VF064C Datasheet HTML 7Page - Microchip Technology SST25VF064C Datasheet HTML 8Page - Microchip Technology SST25VF064C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
©2015 Silicon Storage Technology, Inc.
DS20005036C
04/15
EOL Data Sheet
www.microchip.com
Features
• Single Voltage Read and Write Operations
– 2.7-3.6V
• Serial Interface Architecture
– SPI Compatible: Mode 0 and Mode 3
• Dual Input/Output Support
– Fast-Read Dual-Output Instruction
– Fast-Read Dual I/O Instruction
• High Speed Clock Frequency
– 80 MHz for High-Speed Read (0BH)
– 75 MHz for Fast-Read Dual-Output (3BH)
– 50 MHz for Fast-Read Dual I/O (BBH)
– 33 MHz for Read Instruction (03H)
• Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
• Low Power Consumption
– Active Read Current: 12 mA (typical @ 80 MHz) for sin-
gle-bit read)
– Active Read Current: 14 mA (typical @ 75MHz) for dual-
bit read)
– Standby Current: 5 µA (typical)
• Flexible Erase Capability
– Uniform 4 KByte sectors
– Uniform 32 KByte overlay blocks
– Uniform 64 KByte overlay blocks
• Fast Erase
– Chip-Erase Time: 35 ms (typical)
– Sector-/Block-Erase Time: 18 ms (typical)
• Page-Program
– 256 Bytes per page
– Single and Dual Input support
– Fast Page-Program time in 1.5 ms (typical)
• End-of-Write Detection
– Software polling the BUSY bit in Status Register
• Write Protection (WP#)
– Enables/Disables the Lock-Down function of the
status register
• Software Write Protection
– Write protection through Block-Protection bits in status
register
• Security ID
– One-Time Programmable (OTP) 256 bit, Secure ID
- 64 bit Unique, Factory Pre-Programmed identifier
- 192 bit User-Programmable
• Temperature Range
– Commercial = 0°C to +70°C
– Industrial: -40°C to +85°C
• Packages Available
– 16-lead SOIC (300 mils)
– 8-contact WSON (6mm x 8mm)
– 8-lead SOIC (200 mils)
• All devices are RoHS compliant
64 Mbit SPI Serial Dual I/O Flash
SST25VF064C
The SST 25 series Serial Flash family features a four-wire, SPI-compatible inter-
face that allows for a low pin-count package which occupies less board space and
ultimately lowers total system costs. SST25VF064C SPI serial flash memory is
manufactured with SST proprietary, high-performance CMOS SuperFlash tech-
nology. The split-gate cell design and thick-oxide tunneling injector attain better
reliability and manufacturability compared with alternate approaches.
Obsolete Device
Please contact Microchip Sales for replacement information.


Similar Part No. - SST25VF064C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF064C SST-SST25VF064C Datasheet
908Kb / 31P
64 Mbit SPI Serial Dual I/O Flash
SST25VF064C SST-SST25VF064C Datasheet
908Kb / 31P
64 Mbit SPI Serial Dual I/O Flash
SST25VF064C-80-4C-Q2AE SST-SST25VF064C-80-4C-Q2AE Datasheet
908Kb / 31P
64 Mbit SPI Serial Dual I/O Flash
SST25VF064C-80-4C-Q2CE SST-SST25VF064C-80-4C-Q2CE Datasheet
908Kb / 31P
64 Mbit SPI Serial Dual I/O Flash
SST25VF064C-80-4C-S3AE SST-SST25VF064C-80-4C-S3AE Datasheet
908Kb / 31P
64 Mbit SPI Serial Dual I/O Flash
More results

Similar Description - SST25VF064C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF064C SST-SST25VF064C Datasheet
908Kb / 31P
64 Mbit SPI Serial Dual I/O Flash
SST25VF064C SST-SST25VF064C_10 Datasheet
908Kb / 31P
64 Mbit SPI Serial Dual I/O Flash
logo
Dialog Semiconductor
AT25QF641 DIALOG-AT25QF641 Datasheet
5Mb / 74P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25QF641B DIALOG-AT25QF641B Datasheet
1Mb / 58P
64-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25QL641 DIALOG-AT25QL641 Datasheet
5Mb / 77P
64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25SF641B DIALOG-AT25SF641B Datasheet
1Mb / 59P
64-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SL641 DIALOG-AT25SL641 Datasheet
5Mb / 76P
64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
logo
Renesas Technology Corp
AT25DF641A RENESAS-AT25DF641A Datasheet
2Mb / 57P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual–I/O Support
02/2022
AT25QF641B RENESAS-AT25QF641B Datasheet
2Mb / 58P
64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-05-18
AT25SF641B RENESAS-AT25SF641B Datasheet
1Mb / 60P
64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-06-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com