| Electronic Components Datasheet Search |
|
SST25VF064C Datasheet(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST25VF064C Datasheet(HTML) 8 Page - Microchip Technology |
|
8 / 37 page ![]() ©2015 Silicon Storage Technology, Inc. DS20005036C 04/15 8 64 Mbit SPI Serial Dual I/O Flash SST25VF064C EOL Data Sheet Security ID SST25VF064C offers a 256-bit Security ID (Sec ID) feature. The Security ID space is divided into two parts – one factory-programmed, 64-bit segment and one user-programmable 192-bit segment. The factory-programmed segment is programmed at SST with a unique number and cannot be changed. The user-programmable segment is left unprogrammed for the customer to program as desired. Use the Program SID command to program the Security ID using the address shown in Table 7. Once programmed, the Security ID can be locked using the Lockout SID command. This prevents any future write to the Security ID. The factory-programmed portion of the Security ID can never be programmed, and none of the Secu- rity ID can be erased. Status Register The software status register provides status on whether the flash memory array is available for any Read or Write operation, whether the device is Write enabled, and the state of the Memory Write pro- tection. During an internal Erase or Program operation, the status register may be read only to deter- mine the completion of an operation in progress. Table 4 describes the function of each bit in the software status register. Table 4: Status Register Bit Name Function Default at Power-up Read/Write 0 BUSY 1 = Internal Write operation is in progress 0 = No internal Write operation is in progress 0R 1 WEL 1 = Device is memory Write enabled 0 = Device is not memory Write enabled 0R 2 BP0 Indicate current level of block write protection (See Table 5) 1 R/W 3 BP1 Indicate current level of block write protection (See Table 5) 1 R/W 4 BP2 Indicate current level of block write protection (See Table 5) 1 R/W 5 BP3 Indicate current level of block write protection (See Table 5) 1 R/W 6 SEC1 1. The Security ID status will always be ‘1’ at power-up after a successful execution of the Lockout SID instruction; other- wise, the default at power up is ‘0’. Security ID status 1 = Security ID space locked 0 = Security ID space not locked 01 R 7 BPL 1 = BP3, BP2, BP1, BP0 are read-only bits 0 = BP3, BP2, BP1, BP0 are readable/writable 0R/W T4.0 25036 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |