Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4102 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC4102
Description  100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4102 Datasheet(HTML) 5 Page - Microchip Technology

  MIC4102 Datasheet HTML 1Page - Microchip Technology MIC4102 Datasheet HTML 2Page - Microchip Technology MIC4102 Datasheet HTML 3Page - Microchip Technology MIC4102 Datasheet HTML 4Page - Microchip Technology MIC4102 Datasheet HTML 5Page - Microchip Technology MIC4102 Datasheet HTML 6Page - Microchip Technology MIC4102 Datasheet HTML 7Page - Microchip Technology MIC4102 Datasheet HTML 8Page - Microchip Technology MIC4102 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
 2016 Microchip Technology Inc.
DS20005575A-page 5
MIC4102
HO Gate Driver
Low Level Output Voltage
VOLH
—0.22
0.3
VIHO = 160 mA
——
0.4
High Level Output Voltage
VOHH
—0.25
0.3
V
IHO = –100 mA,
VOHH = VHB – VHO
——
0.45
Peak Sink Current
IOHH
—3—
A
VHO = 0V
Peak Source Current
IOLH
—2—
A
VHO = 12V
Switching Specifications (Anti-Shoot-Through Circuitry)
Delay between PWM going high to
LO going low
tLOOFF
—30
45
ns
—
——
60
Voltage threshold for LO MOSFET
to be considered OFF
VLOOFF
—1.7
—
V
—
Delay between LO OFF to HO
going High
tHOON
—30
50
ns
—
——
60
Delay between PWM going Low to
HO going low
tHOOFF
—45
65
ns
—
——
70
Switch Node Voltage Threshold
when HO turns off
VSWth
12.5
4
V
—
Delay between HO MOSFET being
considered off to LO turning ON
tLOON
—30
60
ns
—
——
70
Delay between LS going low and
LO turning OFF
tLSOFF
—36
45
ns
CL = 1000 pF
——
70
Forced LO ON, if VLOTH is not
detected
tSWTO
120
250
450
ns
—
Switching Specifications
Either Output Rise Time (3V to 9V)
tR
—10—
ns
CL = 1000 pF
Either Output Fall Time (3V to 9V)
tF
—6—
ns
CL = 1000 pF
Either Output Rise Time (3V to 9V)
tR
—0.33
0.6
µs
CL = 0.1 µF
——
0.8
Either Output Fall Time (3V to 9V)
tF
—0.2
0.3
µs
CL = 0.1 µF
——
0.4
Minimum Input Pulse Width that
changes the output with LS = 5V
tPW
—40
60
ns
CL = 0, Note 3
Minimum Output Pulse Width on
HO with min pulse width on PWM
with LS = 5V
tPW
—15—
ns
CL = 0, Note 3
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics:
VDD = VHB = 12V; VSS = VHS = 0V; No load on LO or HO; TA = +25°C; unless noted.
Bold
values are valid for –40°C ≤ TJ ≤ +125°C. (Note 1).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Specification for packaged product only.
2:
All voltages relative to Pin 7, VSS, unless otherwise specified.
3:
Guaranteed by design. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com