Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4102 Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC4102
Description  100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4102 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC4102 Datasheet HTML 11Page - Microchip Technology MIC4102 Datasheet HTML 12Page - Microchip Technology MIC4102 Datasheet HTML 13Page - Microchip Technology MIC4102 Datasheet HTML 14Page - Microchip Technology MIC4102 Datasheet HTML 15Page - Microchip Technology MIC4102 Datasheet HTML 16Page - Microchip Technology MIC4102 Datasheet HTML 17Page - Microchip Technology MIC4102 Datasheet HTML 18Page - Microchip Technology MIC4102 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
 2016 Microchip Technology Inc.
DS20005575A-page 15
MIC4102
6.0
APPLICATION INFORMATION
6.1
Power Dissipation Considerations
Power dissipation in the driver can be separated into
three areas:
• Internal diode dissipation in the bootstrap circuit
• Internal driver dissipation
• Quiescent current dissipation used to supply the
internal logic and control functions.
6.2
Bootstrap Circuit Power
Dissipation
Power dissipation of the internal bootstrap diode
primarily comes from the average charging current of
the CB capacitor times the forward voltage drop of the
diode. Secondary sources of diode power dissipation
are the reverse leakage current and reverse recovery
effects of the diode.
The average current drawn by repeated charging of the
high-side MOSFET is calculated by:
EQUATION 6-1:
The average power dissipated by the forward voltage
drop of the diode equals:
EQUATION 6-2:
The value of VF should be taken at the peak current
through the diode. However, this current is difficult to
calculate
because
of
differences
in
source
impedances. The peak current can either be measured
or the value of VF at the average current can be used
and will yield a good approximation of diode power
dissipation.
The reverse leakage current of the internal bootstrap
diode is typically 11 µA at a reverse voltage of 100V
and 125°C. Power dissipation due to reverse leakage
is typically much less than 1 mW and can be ignored.
Reverse recovery time is the time required for the
injected minority carriers to be swept away from the
depletion region during turn-off of the diode. Power
dissipation due to reverse recovery can be calculated
by computing the average reverse current due to
reverse recovery charge multiplied by the reverse
voltage across the diode. The average reverse current
and power dissipation due to reverse recovery can be
estimated by:
EQUATION 6-3:
EQUATION 6-4:
The total diode power dissipation is:
EQUATION 6-5:
An optional external bootstrap diode may be used
instead of the internal diode (Figure 6-1). An external
diode may be useful if high gate charge MOSFETs are
being driven and the power dissipation of the internal
diode is contributing to excessive die temperatures.
The voltage drop of the external diode must be less
than the internal diode for this option to work. The
reverse voltage across the diode will be equal to the
input voltage minus the VDD supply voltage. A 100V
Schottky diode will work for most 72V input telecom
applications. The equations above can be used to
calculate power dissipation in the external diode.
However, if the external diode has significant reverse
leakage current, the power dissipated in that diode due
to reverse leakage can be calculated as:
EQUATION 6-6:
I
FAVE

Q
gate
f
S
=
Where:
Qgate
Total Gate Charge at VHB
fS
Gate Drive Switching Frequency
Pdiode
fwd
I
FAVE

V
F
=
Where:
VF
Diode Forward Voltage Drop
I
RR AVE

2
I
RRM
t
rr
f
S
=
Where:
IRRM
Peak Reverse Recovery Current
trr
Reverse Recovery Time
Pdiode
RR
I
RR AVE

V
REV
=
Pdiode
total
Pdiode
fwd
Pdiode
RR
+
=
Pdiode
REV
I
R
V
REV
1
D
–

=
Where:
IR
Reverse Current Flow at VREV & TJ
VREV
Diode Reverse Voltage
D
Duty Cycle = tON/fS
fS
Switching Freq. of Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com