Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN89530 Datasheet(PDF) 33 Page - Microchip Technology

Part # LAN89530
Description  Integrated USB 2.0 Hi-Speed Device Controller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89530 Datasheet(HTML) 33 Page - Microchip Technology

Back Button LAN89530 Datasheet HTML 29Page - Microchip Technology LAN89530 Datasheet HTML 30Page - Microchip Technology LAN89530 Datasheet HTML 31Page - Microchip Technology LAN89530 Datasheet HTML 32Page - Microchip Technology LAN89530 Datasheet HTML 33Page - Microchip Technology LAN89530 Datasheet HTML 34Page - Microchip Technology LAN89530 Datasheet HTML 35Page - Microchip Technology LAN89530 Datasheet HTML 36Page - Microchip Technology LAN89530 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 218 page
background image
 2012-2015 Microchip Technology Inc.
DS60001347A-page 33
LAN89530
4.3.1.2
Endpoint 2 (Bulk-Out)
The Bulk-Out Endpoint is controlled by the URX (USB Bulk-Out Receiver). The URX is responsible for receiving Ether-
net data encapsulated over a USB Bulk-Out packet. Unlike the UTX, the URX does not explicitly track Ethernet frames.
It views all received packets as purely USB data. The extraction of Ethernet frames is handled by the FCT and the Trans-
action Layer Interface (TLI).
The URX always simultaneously supports multiple Ethernet frames per USB packet, as well as a single Ethernet frame
per USB packet. No mechanism exists to select between modes.
The URX monitors the amount of free space in the TX FIFO. If at least 512 bytes of space exists, the URX can accept
an additional Bulk-In frame and responds to a Bulk-Out Token with an ACK or NYET. The NYET response is used when
less than 1024 bytes of free space exist. This means that the current Bulk-Out packet was accepted, but room does not
exist for a second packet. If less than 512 bytes exist, the URX responds with a NACK. The URX supports the PING
protocol.
In the case where the Bulk-Out packet is errored, the URX does not respond to the host. The URX will request that the
FCT rewinds the packet. It is the host’s responsibility to retransmit the packet at a later time.
The FCT notifies the URX when it detects loss of sync. When this occurs, the URX stalls the Bulk-Out pipe. This is an
appropriate response, as loss of sync is a catastrophic error. This behavior is configurable via the Stall Bulk-Out Pipe
Disable (SBP) bit of the Hardware Configuration Register (HW_CFG) on page 125.
FIGURE 4-3:
USB BULK-OUT TRANSACTION SUMMARY
Host
Function
Out Token
Data Out
Transfer
ACK
NYET
STALL
Ping
Data Error
ACK
NAK
NAK
FS/HS
HS Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com