Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN89530 Datasheet(PDF) 17 Page - Microchip Technology

Part # LAN89530
Description  Integrated USB 2.0 Hi-Speed Device Controller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89530 Datasheet(HTML) 17 Page - Microchip Technology

Back Button LAN89530 Datasheet HTML 13Page - Microchip Technology LAN89530 Datasheet HTML 14Page - Microchip Technology LAN89530 Datasheet HTML 15Page - Microchip Technology LAN89530 Datasheet HTML 16Page - Microchip Technology LAN89530 Datasheet HTML 17Page - Microchip Technology LAN89530 Datasheet HTML 18Page - Microchip Technology LAN89530 Datasheet HTML 19Page - Microchip Technology LAN89530 Datasheet HTML 20Page - Microchip Technology LAN89530 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 218 page
background image
 2012-2015 Microchip Technology Inc.
DS60001347A-page 17
LAN89530
Note 2-1
Configuration strap values are latched on Power on Reset (POR) or External Chip Reset (nRESET).
Configuration straps are identified by an underlined symbol name. Pins that function as configuration
straps must be augmented with an external resistor when connected to a load. Refer to Section 4.14,
"Configuration Straps" for additional information.
TABLE 2-2:
EEPROM PINS
Num Pins
Name
Symbol
Buffer
Type
Description
1
EEPROM
Data In
EEDI
IS
(PD)
This pin is driven by the EEDO output of the
external EEPROM.
1
EEPROM
Data Out
EEDO
O8
(PU)
This pin drives the EEDI input of the external
EEPROM.
Auto-MDIX
Enable Con-
figuration
Strap
AUTOMDIX_EN
IS
(PU)
Determines the default Auto-MDIX setting.
0 = Auto-MDIX is disabled.
1 = Auto-MDIX is enabled.
See Note 2-1 for more information on configura-
tion straps.
1
EEPROM
Chip Select
EECS
O8
This pin drives the chip select output of the exter-
nal EEPROM.
Note:
The EECS output may tri-state briefly
during power-up. Some EEPROM
devices may be prone to false selection
during this time. When an EEPROM is
used, an external pull-down resistor is
recommended on this signal to prevent
false selection. Refer to your EEPROM
manufacturer’s datasheet for additional
information.
1
EEPROM
Clock
EECLK
O8
(PD)
This pin drives the EEPROM clock of the external
EEPROM.
Power Select
Configuration
Strap
PWR_SEL
IS
(PD)
Determines the default power setting when no
EEPROM is present. This strap is overridden by
the EEPROM.
0 = The device is bus powered.
1 = The device is self powered.
See Note 2-1 for more information on configura-
tion straps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com