| Electronic Components Datasheet Search |
|
LAN89530 Datasheet(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN89530 Datasheet(HTML) 13 Page - Microchip Technology |
|
13 / 218 page ![]() 2012-2015 Microchip Technology Inc. DS60001347A-page 13 LAN89530 1 Carrier Sense (Internal PHY Mode) CRS IS/O8 (PU) In Internal PHY Mode, this pin can be configured to display the respective internal MII signal. Refer to the Internal MII Visibility Enable (IME) bit of the Hardware Configuration Register (HW_CFG) on page 125 for additional information. Carrier Sense (External PHY Mode) CRS IS (PD) In External PHY Mode, the signal on this pin is input from the external PHY and indicates a net- work carrier. General Pur- pose I/O 3 (Internal PHY Mode Only) GPIO3 IS/O8/ OD8 (PU) This General Purpose I/O pin is fully programma- ble as either a push-pull output, an open-drain output or a Schmitt-triggered input. 1 MII Collision Detect (Internal PHY Mode) COL IS/O8 (PU) In Internal PHY Mode, this pin can be configured to display the respective internal MII signal. Refer to the Internal MII Visibility Enable (IME) bit of the Hardware Configuration Register (HW_CFG) on page 125 for additional information. MII Collision Detect (External PHY Mode) COL IS (PD) In External PHY Mode, the signal on this pin is input from the external PHY and indicates a colli- sion event. General Pur- pose I/O 0 (Internal PHY Mode Only) GPIO0 IS/O8/ OD8 (PU) This General Purpose I/O pin is fully programma- ble as either a push-pull output, an open-drain output or a Schmitt-triggered input. Note: This pin may be used to signal PME when Internal PHY and PME Modes of operation are in effect. Refer to Chapter 5.0, "PME Operation" for additional information. 1 Management Data (Internal PHY Mode) MDIO IS/O8 (PU) In Internal PHY Mode, this pin can be configured to display the respective internal MII signal. Refer to the Internal MII Visibility Enable (IME) bit of the Hardware Configuration Register (HW_CFG) on page 125 for additional information. Management Data (External PHY Mode) MDIO IS/O8 (PD) In External PHY Mode, this pin provides the man- agement data to/from the external PHY. General Pur- pose I/O 1 (Internal PHY Mode Only) GPIO1 IS/O8/ OD8 (PU) This General Purpose I/O pin is fully programma- ble as either a push-pull output, an open-drain output or a Schmitt-triggered input. Note: This pin may serve as the PME_MODE_SEL input when Internal PHY and PME Modes of operation are in effect. Refer to Chapter 5.0, "PME Operation" for additional information. TABLE 2-1: MII INTERFACE PINS (CONTINUED) Num Pins Name Symbol Buffer Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |