Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN89530 Datasheet(PDF) 73 Page - Microchip Technology

Part # LAN89530
Description  Integrated USB 2.0 Hi-Speed Device Controller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89530 Datasheet(HTML) 73 Page - Microchip Technology

Back Button LAN89530 Datasheet HTML 69Page - Microchip Technology LAN89530 Datasheet HTML 70Page - Microchip Technology LAN89530 Datasheet HTML 71Page - Microchip Technology LAN89530 Datasheet HTML 72Page - Microchip Technology LAN89530 Datasheet HTML 73Page - Microchip Technology LAN89530 Datasheet HTML 74Page - Microchip Technology LAN89530 Datasheet HTML 75Page - Microchip Technology LAN89530 Datasheet HTML 76Page - Microchip Technology LAN89530 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 218 page
background image
 2012-2015 Microchip Technology Inc.
DS60001347A-page 73
LAN89530
TABLE 4-53:
TX CHECKSUM PREAMBLE
Field
Description
31:28
RESERVED
27:16
TXCSLOC - TX Checksum Location
This field specifies the byte offset where the TX checksum will be inserted in the TX packet. The
checksum will replace two bytes of data starting at this offset.
Note:
The TX checksum cannot be inserted in the MAC header (first 14 bytes) or in the last 4
bytes of the TX packet.
15:12
RESERVED
11:0
TXCSSP - TX Checksum Start Pointer
This field indicates start offset, in bytes, where the checksum calculation will begin in the associated
TX packet.
Note:
The data checksum calculation must not begin in the MAC header (first 14 bytes) or in
the last 4 bytes of the TX packet.
Note:
When the TXCOE is enabled, the third DWORD of the pre-pended packet is not transmitted. However, 4
bytes must be added to the packet length field in TX Command B.
Note:
Software applications must stop the transmitter and flush the TX data path before changing the state of the
TXCOE_EN bit. However, the CK bit of TX Command B can be set or cleared on a per-packet basis.
Note:
The TXCOE_MODE may only be changed if the TX path is disabled. If it is desired to change this value
during run time, it is safe to do so only after the TX Ethernet path is disabled and the TLI is empty.
Note:
The TX checksum preamble must be DWORD-aligned.
Note:
TX preamble size is accounted for in both the buffer length and packet length.
Note:
The first buffer, which contains the TX preamble, may not contain any Ethernet frame data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com