Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29F080 Datasheet(PDF) 22 Page - Hynix Semiconductor

Part # HY29F080
Description  8 Megabit (1M x 8), 5 Volt-only, Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F080 Datasheet(HTML) 22 Page - Hynix Semiconductor

Back Button HY29F080 Datasheet HTML 18Page - Hynix Semiconductor HY29F080 Datasheet HTML 19Page - Hynix Semiconductor HY29F080 Datasheet HTML 20Page - Hynix Semiconductor HY29F080 Datasheet HTML 21Page - Hynix Semiconductor HY29F080 Datasheet HTML 22Page - Hynix Semiconductor HY29F080 Datasheet HTML 23Page - Hynix Semiconductor HY29F080 Datasheet HTML 24Page - Hynix Semiconductor HY29F080 Datasheet HTML 25Page - Hynix Semiconductor HY29F080 Datasheet HTML 26Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
22
Rev. 6.1/May 01
HY29F080
TEST CONDITIONS
Table 7. Test Specifications
Figure 11. Test Setup
Measurement
Levels
Output
Input
0.45 V
2.4 V
0.8 V
2.0 V
0.8 V
2.0 V
HY29F080-70, -90, -12 Versions
Figure 12. Input Waveforms and Measurement Levels
t
s
e
T
n
o
i
t
i
d
n
o
C
0
7
-
0
9
-
2
1
-
t
i
n
U
d
a
o
L
t
u
p
t
u
Oe
t
a
G
L
T
T
1
C
(
e
c
n
a
t
i
c
a
p
a
C
d
a
o
L
t
u
p
t
u
O
L)0
0
1F
p
s
e
m
i
T
ll
a
F
d
n
a
e
s
i
R
t
u
p
n
I0
2s
n
l
e
v
e
L
w
o
L
l
a
n
g
i
S
t
u
p
n
I5
4
.
0V
l
e
v
e
L
h
g
i
H
l
a
n
g
i
S
t
u
p
n
I4
.
2V
t
n
e
m
e
r
u
s
a
e
M
g
n
i
m
i
T
w
o
L
l
e
v
e
L
l
a
n
g
i
S
8
.
0V
t
n
e
m
e
r
u
s
a
e
M
g
n
i
m
i
T
h
g
i
H
l
e
v
e
L
l
a
n
g
i
S
0
.
2V
6.2
KOhm
C
L
2.7
KOhm
+ 5V
DEVICE
UNDER
TEST
All diodes
are
1N3064
or
equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com