Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29F080 Datasheet(PDF) 33 Page - Hynix Semiconductor

Part # HY29F080
Description  8 Megabit (1M x 8), 5 Volt-only, Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F080 Datasheet(HTML) 33 Page - Hynix Semiconductor

Back Button HY29F080 Datasheet HTML 29Page - Hynix Semiconductor HY29F080 Datasheet HTML 30Page - Hynix Semiconductor HY29F080 Datasheet HTML 31Page - Hynix Semiconductor HY29F080 Datasheet HTML 32Page - Hynix Semiconductor HY29F080 Datasheet HTML 33Page - Hynix Semiconductor HY29F080 Datasheet HTML 34Page - Hynix Semiconductor HY29F080 Datasheet HTML 35Page - Hynix Semiconductor HY29F080 Datasheet HTML 36Page - Hynix Semiconductor HY29F080 Datasheet HTML 37Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
33
Rev. 6.1/May 01
HY29F080
AC CHARACTERISTICS
Alternate CE# Controlled Erase/Program Operations
Notes:
1. Not 100% tested.
2. Typical program and erase times assume the following conditions: 25 °C, V
CC = 5.0 volts, 100,000 cycles.
In addition,
programming typicals assume a checkerboard pattern. Maximum program and erase times are under worst case condi-
tions of 90 °C, V
CC = 4.5 volts, 100,000 cycles.
3. Excludes system-level overhead, which is the time required to execute the four-bus-cycle sequence for the program
command. See Table 5 for further information on command sequences.
4. Excludes 0x00 programming prior to erasure. In the preprogramming step of the Automatic Erase algorithm, all bytes
are programmed to 0x00 before erasure.
5. The typical chip programming time is considerably less than the maximum chip programming time listed since most
bytes program faster than the maximum programming times specified. The device sets DQ[5] = 1 only If the maximum
byte program time specified is exceeded. See Write Operation Status section for additional information.
r
e
t
e
m
a
r
a
P
n
o
i
t
p
i
r
c
s
e
D
n
o
i
t
p
O
d
e
e
p
S
t
i
n
U
C
E
D
E
J
d
t
S
0
7
-
0
9
-
2
1
-
t
V
A
V
A
t
C
W
)
1
e
t
o
N
(
e
m
i
T
e
l
c
y
C
e
t
i
r
Wn
i
M0
70
90
2
1s
n
t
L
W
V
A
t
S
A
e
m
i
T
p
u
t
e
S
s
s
e
r
d
d
An
i
M0
s
n
t
X
A
L
W
t
H
A
e
m
i
T
d
l
o
H
s
s
e
r
d
d
An
i
M5
45
40
5s
n
t
H
W
V
D
t
S
D
e
m
i
T
p
u
t
e
S
a
t
a
Dn
i
M0
35
40
5s
n
t
X
D
H
W
t
H
D
e
m
i
T
d
l
o
H
a
t
a
Dn
i
M0
s
n
t
L
E
H
G
t
L
E
H
G
e
t
i
r
W
e
r
o
f
e
B
e
m
i
T
y
r
e
v
o
c
e
R
d
a
e
Rn
i
M0
s
n
t
L
E
L
W
t
S
W
e
m
i
T
p
u
t
e
S
#
E
Wn
i
M0
s
n
t
H
W
H
E
t
H
W
e
m
i
T
d
l
o
H
#
E
Wn
i
M0
s
n
t
H
E
L
E
t
P
C
h
t
d
i
W
e
s
l
u
P
#
E
Cn
i
M5
35
40
5s
n
t
L
E
H
E
t
H
P
C
h
g
i
H
h
t
d
i
W
e
s
l
u
P
#
E
Cn
i
M0
2s
n
t
1
H
W
H
W
t
1
H
W
H
W
)
3
,
2
,
1
s
e
t
o
N
(
n
o
i
t
a
r
e
p
O
g
n
i
m
m
a
r
g
o
r
P
e
t
y
B
p
y
T7
s
µ
x
a
M0
0
3s
µ
)
5
,
3
,
2
,
1
s
e
t
o
N
(
n
o
i
t
a
r
e
p
O
g
n
i
m
m
a
r
g
o
r
P
p
i
h
C
p
y
T2
.
7c
e
s
x
a
M6
.
1
2c
e
s
t
2
H
W
H
W
t
2
H
W
H
W
)
4
,
2
,
1
s
e
t
o
N
(
n
o
i
t
a
r
e
p
O
e
s
a
r
E
r
o
t
c
e
S
p
y
T1
c
e
s
x
a
M8
c
e
s
t
3
H
W
H
W
t
3
H
W
H
W
)
4
,
2
,
1
s
e
t
o
N
(
n
o
i
t
a
r
e
p
O
e
s
a
r
E
p
i
h
C
p
y
T6
1c
e
s
x
a
M8
2
1c
e
s
e
c
n
a
r
u
d
n
E
e
l
c
y
C
m
a
r
g
o
r
P
d
n
a
e
s
a
r
E
p
y
T0
0
0
,
0
0
0
,
1s
e
l
c
y
c
n
i
M0
0
0
,
0
0
1s
e
l
c
y
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com