Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175642 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 175642
Description  This specification covers the requirements for product performance
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

175642 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 175642 Datasheet HTML 5Page - Tyco Electronics 175642 Datasheet HTML 6Page - Tyco Electronics 175642 Datasheet HTML 7Page - Tyco Electronics 175642 Datasheet HTML 8Page - Tyco Electronics 175642 Datasheet HTML 9Page - Tyco Electronics 175642 Datasheet HTML 10Page - Tyco Electronics 175642 Datasheet HTML 11Page - Tyco Electronics 175642 Datasheet HTML 12Page - Tyco Electronics 175642 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Product Specification
108-5246
Rev. L
9 of 21
項目
試験項目
Para.
Test
Items
Requirements
Procedures
3.5.18
Physical Shock
No electrical discontinuity
greater than 1μsec. shall
occur.
Termination resistance
(low level)(Final)
20 mΩ Max.
Subject mated connectors to 50 G’s
half sine shock pulses of 16
millisecond duration, 3 shocks in
each direction applied along the
3 mutually perpendicular planes
to totally 18 shocks.
MIL-STD-202,METHOD 213
Condition A
The clamping manner shall be in
accordance with
Fig.7 after
mating the connectors.
3.5.19
はんだ付け性
供試品を10倍の拡大鏡を用い
て目視検査し、ピンホールまた
は空隙が1つの面積に集中し
たり、全体の面積の5%を越え
ないこと。
はんだ濡れは95 % 以上。
はんだ温度
:240 ± 5 °C
はんだ浸漬時間:3 ± 0.5 秒
使用フラックス:アルファー 100
(非活性ロジンベース)
はんだ(Sn-3.0Ag-0.5Cu)
3.5.19
Solderability
Appearance of the specimen
shall be inspected after the
test with the assistance of a
magnifier capable of giving a
magnification of 10 X . More
than 95% of the tested area of
the contact shall appear
sufficiently working fresh
coverage of wet solder,
without concentration of void
area in one place or whose
total area is not greater than
5% of the tested area.
The soldering tine areas of the
contacts in post header assembly and
receptacle header assembly shall be
tested by immersing in flux.(Alpha
100, non-active rosin base) for 3 to
5 seconds first, then immerse into
soldering tub filled with melted
Sn-3.0Ag-0.5Cu controlled at 240 ±
5 °C for 3±0.5 seconds
Fig.2 (続き)
Fig.2(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com