Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175642 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 175642
Description  This specification covers the requirements for product performance
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

175642 Datasheet(HTML) 4 Page - Tyco Electronics

  175642 Datasheet HTML 1Page - Tyco Electronics 175642 Datasheet HTML 2Page - Tyco Electronics 175642 Datasheet HTML 3Page - Tyco Electronics 175642 Datasheet HTML 4Page - Tyco Electronics 175642 Datasheet HTML 5Page - Tyco Electronics 175642 Datasheet HTML 6Page - Tyco Electronics 175642 Datasheet HTML 7Page - Tyco Electronics 175642 Datasheet HTML 8Page - Tyco Electronics 175642 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Product Specification
108-5246
Rev. L
4 of 21
3.5
性能必要条件と試験方法の要約
3.5
Test Requirements and Procedures Summary:
項目
試験項目
3.5.1
製品の確認
製品図面の必要条件に合致し
ていること。
目視により、コネクタの機能上支
障をきたす損傷を検査する。
Para.
Test
Items
Requirements
Procedures
3.5.1
Examination of Product
Meets requirements of product
drawing.
Visual inspection
No physical damage
Electrical Requirements
3.5.2
総合抵抗
(ローレベル)
10 mΩ 以下(初期値)
20 mΩ 以下(試験後)
ハウジングに組み込まれ嵌合し
たコンタクトを開路電圧20 mV以
下、閉路電流10 mA以下の条件で
測定する。
Fig.6参照。
3.5.2
Termination Resistance
(Low Level)
10 mΩMax. (Initial)
20 mΩMax. (Final)
Subject mated contacts ssembled
in housing to 20 mV max. open
circuit at 10 mA max.. Fig.6.
3.5.3
絶縁抵抗
500 MΩ 以上 (初期値)
100 MΩ 以上 (終期値)
嵌合したコネクタの隣接コンタ
クト間で測定。
MIL-STD-202、試験法302 条件A
100 V DC±10%
1分間
3.5.3
Insulation Resistance
500 MΩMin. (Initial)
100 MΩMin. (Final)
Measure by appling test
potential between the adjacent
contacts, and between the
conacts and ground in the mated
connectors.
MIL-STD-202, METHOD 302
Condition A,
100 V DC±10%, I minute
3.5.4
耐電圧
0.5k V ACの試験電圧(1分間保
持)に耐えること。
電流漏洩は0.5mA以下
嵌合したコネクタ・アセンブリの
隣接コンタクト間で測定。
MIL-STD-202、試験法301
3.5.4
Dielectric withstanding
Voltage
Connector must withstand test
potential of 0.5K V AC for 1
minute. Current leakage must
be 0.5 mA Max.
Measure by appling test
potential between the adjacent
contacts, and between the
conacts and ground in the mated
connectors.
MIL-STD-202,METHOD 301
Fig.2 (続き)
Fig.2 (To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com