Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175642 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 175642
Description  This specification covers the requirements for product performance
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

175642 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 175642 Datasheet HTML 6Page - Tyco Electronics 175642 Datasheet HTML 7Page - Tyco Electronics 175642 Datasheet HTML 8Page - Tyco Electronics 175642 Datasheet HTML 9Page - Tyco Electronics 175642 Datasheet HTML 10Page - Tyco Electronics 175642 Datasheet HTML 11Page - Tyco Electronics 175642 Datasheet HTML 12Page - Tyco Electronics 175642 Datasheet HTML 13Page - Tyco Electronics 175642 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Product Specification
108-5246
Rev. L
10 of 21
項目
試験項目
Para.
Test
Items
Requirements
Procedures
3.5.20
はんだ耐熱性
10倍の拡大鏡を用いて目視検
査し、割れ、ひび、溶融等の異
常なきこと。
プリント基板に取り付けて試験する
尚、温度は基板表面上温度とする。
<DIPタイプ>
はんだ付タイン部をのはんだ槽中に
260℃ 10±1秒間浸漬して試験する。
<SMTタイプ>
リフロー回数:2回
温度プロファイルは Fig.10参照
<手はんだの場合>
こて先温度360℃±10℃時間3+1
-0
秒。但し、コンタクトはんだ付部に
こて先等による力が加わらないよう
に試験する。
3.5.20
Resistance to Soldering
Heat
Appearance of the specimen
shall be inspected after the
test with the assistance of a
magnifier capable of giving a
magnification of 10 X for
damage such as cracks, ships
or melting.
Aftre mounting post header
assembly and receptacle header
assembly mounted on PCB, expose
the samples under the soldering
heat of the following conditions.
The specified temperature is
measured at the surface of PCB.
<DIP TYPE>
Immersing the soldering tine areas
into soldering tub at 260±5°C for
10±1 seconds.
<SMT TYPE>
Reflow cycles: 2 times
Temperature profile:as shown in
Fig.10.
<Manual test>
Expose under the head of the top of
iron at 360±10℃ for 3+1
-0 seconds.
To be no damage by the top of iron
etc.at soldering tynes.
注「目視検査の必要条件に合致し、物理的損傷がなく、且つ Fig.3 のシークエンス試験に規定された付加的試
験必要条件に合致すること。
Note: Tested products shall be conforming to the requirements of the visual inspection without physical
damage, also meeting the requirements of the additional tests specified in the sequence tests specified
in Fig.3
Fig.2(終り)
Fig.2 (End)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com