Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175642 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 175642
Description  This specification covers the requirements for product performance
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

175642 Datasheet(HTML) 2 Page - Tyco Electronics

  175642 Datasheet HTML 1Page - Tyco Electronics 175642 Datasheet HTML 2Page - Tyco Electronics 175642 Datasheet HTML 3Page - Tyco Electronics 175642 Datasheet HTML 4Page - Tyco Electronics 175642 Datasheet HTML 5Page - Tyco Electronics 175642 Datasheet HTML 6Page - Tyco Electronics 175642 Datasheet HTML 7Page - Tyco Electronics 175642 Datasheet HTML 8Page - Tyco Electronics 175642 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Product Specification
108-5246
Rev. L
2 of 21
3.2 材
A.
リセ・コンタクト:
リン青銅
・錫めっき品
ニッケル下地めっき( 0.5μm以上)
錫めっき仕上げ(0.2μm以上)
・金めっき品
全面ニッケル下地めっき(1μm以上)
接触部:
パラジウムニッケルめっき
仕上げ(0.4μm以上)
金めっき仕上げ(0.05μm以上)
はんだ付け部:
金めっき仕上げ (0.05μm以上)
B.
ポスト:
黄銅 0.5 DIA
・錫めっき品
銅下地めっき(0.5μm以上)
錫めっき済(0.8μm以上)
・金めっき品
ニッケル下地めっき(1μm以上)
金めっき仕上げ(0.2μm以上)
C.
リセ・ハウジング
PPS樹脂(UL94
V-0)…黒色
D.
ヘッダー・ハウジング
PPS樹脂(UL94 V-0)…黒色
E.
スペーサー・ハウジング
6/6ナイロン樹脂(UL94
V-0)…黒色
F.
リレー・ヘッダー・ハウジング
6/6ナイロン樹脂(UL94
V-0)…黒色
3.2
Materials :
A.
Receptacle contact:
Phosphor Bronze Alloy
・Tin Plated Products
0.8μm min. thick tin plating over
0.5 μ m min. thick nickel underplating.
・Gold Plated Products
All over 1μm min. thick nickel plating.
Contact Area:
0.05μm min. thick gold plating over 0.4μm
min.thick palladium-nickel underplating.
Solder Area:
Gold Plated (Thickness:0.05μm min.)
B.
Post
Brass 0.5 Dia:
Tin Plated Products
0.8μm min. thick tin plating over 0.5μm
min. thick copper underplating.
Gold Plated Products
0.2μm min. thick gold plating over 1μm
min. thick nickel underplating
C.
Receptale Housing
PPS (UL: 94 V-0)・…Black
D.
Header Housing
PPS (UL: 94 V-0)・…Black
E.
Spacer Housing
6/6 Nylon (UL: 94 V-0)・…Black
F.
Relay Header Housing
6/6 Nylon (UL: 94 V-0)・…Black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com