Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4548 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4548
Description  AC ??7 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4548 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4548 Datasheet HTML 1Page - National Semiconductor (TI) LM4548 Datasheet HTML 2Page - National Semiconductor (TI) LM4548 Datasheet HTML 3Page - National Semiconductor (TI) LM4548 Datasheet HTML 4Page - National Semiconductor (TI) LM4548 Datasheet HTML 5Page - National Semiconductor (TI) LM4548 Datasheet HTML 6Page - National Semiconductor (TI) LM4548 Datasheet HTML 7Page - National Semiconductor (TI) LM4548 Datasheet HTML 8Page - National Semiconductor (TI) LM4548 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Electrical Characteristics (Notes 1, 3) (Continued)
The following specifications apply for AV
DD = 5V, DVDD = 5V, Fs = 48kHz, single codec configuration, unless otherwise noted.
Limits apply for T
A= 25˚C. The reference for 0dB is 1Vrms unless otherwise specified.
Symbol
Parameter
Conditions
LM4548
Units
(Limits)
Typical
(Note 7)
Limit
(Note 8)
Analog to Digital Converters
Dynamic Range (Note 2)
-60dB Input THD+N, A-Weighted
90
86
dB (min)
Frequency Response
-1dB Bandwidth
20
kHz
Digital to Analog Converters
Resolution
18
Bits
Dynamic Range (Note 2)
-60dB Input THD+N, A-Weighted
89
85
dB (min)
THD
Total Harmonic Distortion
V
IN = -3dB, f=1kHz, RL = 10kΩ
0.01
%
Frequency Response
20 - 21k
Hz
Group Delay (Note 2)
2
mS (max)
Out of Band Energy
-40
dB
Stop Band Rejection
70
dB
D
T
Discrete Tones
-96
dB
True Line Level Output Volume Section
A
S
Step Size
0dB to -46.5dB
1.5
dB
A
M
Mute Attenuation
86
dB
Digital I/O (Note 2)
V
IL
Low level input voltage
0.30 x
DVDD
V (max)
V
HI
High level input voltage
0.40 x
DVDD
V (min)
V
OH
High level output voltage
0.50 x
DVDD
V (min)
V
OL
Low level output voltage
0.20 x
DVDD
V (max)
I
L
Input Leakage Current
AC Link inputs
±10
µA
I
L
Tri state Leakage Current
High impedance AC Link outputs
±10
µA
I
DR
Output drive current
AC Link outputs
5
mA
Digital Timing Specifications (Note 2)
F
BC
BIT_CLK frequency
12.288
MHz
T
BCP
BIT_CLK period
81.4
nS
T
CH
BIT_CLK high
Variation of BIT_CLK period from 50%
duty cycle
±20
% (max)
F
SYNC
SYNC frequency
48
kHz
T
SP
SYNC period
20.8
µS
T
SH
SYNC high pulse width
1.3
µS
T
SL
SYNC low pulse width
19.5
µS
T
SETUP
Setup Time
SDATA_IN, SDATA_OUT to falling
edge of BIT_CLK
15
nS (min)
T
HOLD
Hold Time
Hold time of SDATA_IN, SDATA_OUT
from falling edge of BIT_CLK
5
nS (min)
T
RISE
Rise Time
BIT_CLK, SYNC, SDATA_IN or
SDATA_OUT
6
nS (max)
T
FALL
Fall Time
BIT_CLK, SYNC, SDATA_IN or
SDATA_OUT
6
nS (max)
T
RST_LOW
RESET# active low pulse width
For cold reset
1.0
µS (min)
T
RST2CLK
RESET# inactive to BIT_CLK start
up
For cold reset
162.8
nS (min)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com