Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4548 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4548
Description  AC ??7 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4548 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4548 Datasheet HTML 1Page - National Semiconductor (TI) LM4548 Datasheet HTML 2Page - National Semiconductor (TI) LM4548 Datasheet HTML 3Page - National Semiconductor (TI) LM4548 Datasheet HTML 4Page - National Semiconductor (TI) LM4548 Datasheet HTML 5Page - National Semiconductor (TI) LM4548 Datasheet HTML 6Page - National Semiconductor (TI) LM4548 Datasheet HTML 7Page - National Semiconductor (TI) LM4548 Datasheet HTML 8Page - National Semiconductor (TI) LM4548 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM4548
AC ’97 Rev 2 Codec with Sample Rate Conversion and
National 3D Sound
General Description
The LM4548 is an audio codec for PC systems which is fully
PC98 compliant and performs the analog intensive functions
of the AC97 Rev2 architecture. Using 18-bit Sigma-Delta
A/D’s and D/A’s, the LM4548 provides 90dB of Dynamic
Range.
The LM4548 was designed specifically to provide a high
quality audio path and provide all analog functionality in a PC
audio system. It features full duplex stereo A/D’s and D/A’s
and an analog mixer with 4 stereo and 3 mono inputs, each
of which has separate gain, attenuation and mute control.
The LM4548 also provides the additional True Line-Level
output and National’s 3D Sound stereo enhancement.
The LM4548 supports variable sample rate conversion as
defined in the AC97 Rev2 specification. The sample rate for
the A/D and D/A can be programmed separately to convert
any rate between 4kHz - 48kHz with a resolution of 1Hz. The
AC97 architecture separates the analog and digital functions
of the PC audio system allowing both for system design flex-
ibility and increased performance.
Key Specifications
n Analog Mixer Dynamic Range
97dB (typ)
n D/A Dynamic Range
89dB (typ)
n A/D Dynamic Range
90dB (typ)
Features
n AC’97 Rev2 compliant
n National’s 3D Sound circuitry
n High quality Sample Rate Conversion (SRC) from 4kHz
to 48kHz in 1Hz increments.
n Multiple Codec Support
n True Line Level Output with volume control in addition to
standard Line Out
n Advanced power management support
n Digital 3V and 5V compliant
Applications
n Desktop PC Audio Systems
n Portable PC Systems
n Mobile PC Systems
Block Diagram
DS100987-1
FIGURE 1. LM4548 Block Diagram
February 1999
© 1999 National Semiconductor Corporation
DS100987
www.national.com


Similar Part No. - LM4548

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4548 TI1-LM4548 Datasheet
570Kb / 21P
AC 97 Rev 2 Codec with Sample Rate Conversion
logo
National Semiconductor ...
LM4548A NSC-LM4548A Datasheet
534Kb / 28P
AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4548A TI1-LM4548A Datasheet
676Kb / 34P
AC 97 Rev 2 Multi-Channel Audio Codec
logo
National Semiconductor ...
LM4548AVH NSC-LM4548AVH Datasheet
534Kb / 28P
AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
More results

Similar Description - LM4548

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4546 NSC-LM4546 Datasheet
308Kb / 18P
AC ??7 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
LM4549 NSC-LM4549 Datasheet
324Kb / 18P
AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
LM4550 NSC-LM4550 Datasheet
507Kb / 25P
AC ??7 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
LM4550B NSC-LM4550B Datasheet
998Kb / 31P
AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
LM4549A NSC-LM4549A Datasheet
528Kb / 28P
AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
LM4546 NSC-LM4546_09 Datasheet
1Mb / 18P
AC 97 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
LM4546A NSC-LM4546A Datasheet
1Mb / 28P
AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4549B NSC-LM4549B Datasheet
933Kb / 28P
AC ??7 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4546B NSC-LM4546B Datasheet
908Kb / 27P
AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4548A NSC-LM4548A Datasheet
534Kb / 28P
AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com