Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4548 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4548
Description  AC ??7 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4548 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4548 Datasheet HTML 4Page - National Semiconductor (TI) LM4548 Datasheet HTML 5Page - National Semiconductor (TI) LM4548 Datasheet HTML 6Page - National Semiconductor (TI) LM4548 Datasheet HTML 7Page - National Semiconductor (TI) LM4548 Datasheet HTML 8Page - National Semiconductor (TI) LM4548 Datasheet HTML 9Page - National Semiconductor (TI) LM4548 Datasheet HTML 10Page - National Semiconductor (TI) LM4548 Datasheet HTML 11Page - National Semiconductor (TI) LM4548 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Pin Description (Continued)
Analog I/O (Continued)
Name
Pin
I / O
Functional Description
AUX_R
15
I
This line level input can be routed through the Input Mux and recorded by the right ADC. In
addition, this analog input gets summed into the right output stream. The amount of AUX_R
signal mixed in the right output stream can be adjusted from +12dB to −34.5dB in 1.5dB
steps as well as muted via register 16h.
VIDEO_L
16
I
This line level input can be routed through the Input Mux and recorded by the left ADC. In
addition, this analog input gets summed into the left output stream. The amount of VIDEO_L
signal mixed in the left output stream can be adjusted from +12dB to −34.5dB in 1.5dB steps
as well as muted via register 14h.
VIDEO_R
17
I
This line level input can be routed through the Input Mux and recorded by the right ADC. In
addition, this analog input gets summed into the right output stream. The amount of
VIDEO_R signal mixed in the right output stream can be adjusted from +12dB to −34.5dB in
1.5dB steps as well as muted via register 14h.
CD_L
18
I
This line level input can be routed through the Input Mux and recorded by the left ADC. In
addition, this analog input gets summed into the left output stream. The amount of CD_L
signal mixed in the left output stream can be adjusted from +12dB to −34.5dB in 1.5dB steps
as well as muted via register 12h.
CD_GND
19
I
This input can be used to reject common mode signals on the CD_L and CD_R inputs.
CD_GND is an AC ground point and not a DC ground point. This input must be AC-coupled
to the source signal’s ground.
CD_R
20
I
This line level input can be routed through the Input Mux and recorded by the right ADC. In
addition, this analog input gets summed into the right output stream. The amount of CD_R
signal mixed in the right output stream can be adjusted from +12dB to −34.5dB in 1.5dB
steps as well as muted via register 12h.
MIC1
21
I
Either MIC1 or MIC2 can be selected via software and routed through the Input Mux for
recording. The 20dB boost circuit is enabled/disabled via register 0Eh. Also, the amount of
mic signal mixed in the output stream can be adjusted from +12dB to −34.5dB in 1.5dB
steps as well as muted via register 0Eh.
MIC2
22
I
Either MIC1 or MIC2 can be selected via software and routed through the Input Mux for
recording. The 20dB boost circuit is enabled/disabled via register 0Eh. Also, the amount of
mic signal mixed in the output stream can be adjusted from +12dB to −34.5dB in 1.5dB
steps as well as muted via register 0Eh.
LINE_IN_L
23
I
This line level input can be routed through the Input Mux and recorded by the left ADC. In
addition, this analog input gets summed into the left output stream. The amount of
LINE_IN_L signal mixed in the left output stream can be adjusted from +12dB to −34.5dB in
1.5dB steps as well as muted via register 10h.
LINE_IN_R
24
I
This line level input can be routed through the Input Mux and recorded by the right ADC. In
addition, this analog input gets summed into the right output stream. The amount of
LINE_IN_R signal mixed in the right output stream can be adjusted from +12dB to −34.5dB
in 1.5dB steps as well as muted via register 10h.
LINE_OUT_L
35
O
This is a post-mixed output for the left audio channel. The level of this output can be
adjusted from 0dB to −45dB in 1.5dB steps as well as muted via register 02h.
LINE_OUT_R
36
O
This is a post-mixed output for the right audio channel. The level of this output can be
adjusted from 0dB to −45dB in 1.5dB steps as well as muted via register 02h.
MONO_OUT
37
O
This line level output is either the post-mixed output or the mic input. The level of this output
can be adjusted from 0dB to −45dB in 1.5dB steps as well as muted via register 06h.
LNLVL_OUT_L
39
O
This is a post-mixed output for the left audio channel. The level of this output can be
adjusted from 0dB to −45dB in 1.5dB steps as well as muted via register 04h.
LNLVL_OUT_R
41
O
This is a post-mixed output for the right audio channel. The level of this output can be
adjusted from 0dB to −45dB in 1.5dB steps as well as muted via register 04h.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com