Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4548 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4548
Description  AC ??7 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4548 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4548 Datasheet HTML 1Page - National Semiconductor (TI) LM4548 Datasheet HTML 2Page - National Semiconductor (TI) LM4548 Datasheet HTML 3Page - National Semiconductor (TI) LM4548 Datasheet HTML 4Page - National Semiconductor (TI) LM4548 Datasheet HTML 5Page - National Semiconductor (TI) LM4548 Datasheet HTML 6Page - National Semiconductor (TI) LM4548 Datasheet HTML 7Page - National Semiconductor (TI) LM4548 Datasheet HTML 8Page - National Semiconductor (TI) LM4548 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical Characteristics (Notes 1, 3) (Continued)
The following specifications apply for AV
DD = 5V, DVDD = 5V, Fs = 48kHz, single codec configuration, unless otherwise noted.
Limits apply for T
A= 25˚C. The reference for 0dB is 1Vrms unless otherwise specified.
Symbol
Parameter
Conditions
LM4548
Units
(Limits)
Typical
(Note 7)
Limit
(Note 8)
Digital Timing Specifications (Note 2)
T
SH
SYNC active high pulse width
For warm reset
1.3
µS
T
SYNC2CLK
SYNC inactive to BIT_CLK start up
For warm reset
162.8
nS (min)
T
SU2RST
Setup to trailing edge of RESET#
For ATE Test Mode
15
nS (min)
T
RST2HZ
Rising edge of RESET# to Hi-Z
For ATE Test Mode
25
nS (max)
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: These specifications are guaranteed by design and characterization; they are not production tested.
Note 3:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits.
Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guar-
antee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is
given, however, the typical value is a good indication of device performance.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM4548, TJMAX = 150˚C. The
typical junction-to-ambient thermal resistance is 74˚C/W for package number VBH48A.
Note 5: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 6: Machine Model, 220 pF–240 pF discharged through all pins.
Note 7: Typicals are measured at 25˚C and represent the parametric norm.
Note 8: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com