Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5805RH Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5805RH
Description  RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5805RH Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5805RH Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 8Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 9Page - M.S. Kennedy Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Bias Supply Voltage
Supply Voltage
Shutdown Voltage
Output Current
Case Operating Temperature Range
MSK5805K/H RH
MSK5805RH
7
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Power Dissipation
Junction Temperature
ESD Rating
ABSOLUTE MAXIMUM RATINGS
10V
10V
10V
2A
-55°C to +125°C
-40°C to +85°C
-65°C to +150°C
300°C
See SOA Curve
150°C
Class 2
1
2
3
4
5
6
7
8
9
10
TST
TLD
PD
TC
VBIAS
VIN
VSD
IOUT
TC
Unless otherwise specified, VBIAS=VIN=5.0V, R1=1.62K, VSHUTDOWN=0V and IOUT=10mA. IOUT is subtracted from IQ measurement. See typical application circuit.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise requested.
Military grade devices ("H" and "K" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1,4 TC=+25°C
Subgroup 2,5 TC=+125°C
Subgroup 3,6 TA=-55°C
Output current limit is tested with a low duty cycle pulse to minimize junction heating and is dependent on the values of VIN, VOUT and case
temperature. See Typical Performance Curves.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
Pre and post irradiation limits @ 25°C, up to 300 Krad TID, are identical unless otherwise specified. Not applicable to EDU devices.
Limited by S.O.A.
NOTES:
ELECTRICAL SPECIFICATIONS
2
8
8548-111 Rev. F 5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com