Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5805RH Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5805RH
Description  RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5805RH Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5805RH Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 8Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 9Page - M.S. Kennedy Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TYPICAL APPLICATIONS
5805RH
FEATURES:
Satellite System Power Supplies
Switching Power Supply Post Regulators
Constant Voltage/Current Regulators
Microprocessor Power Supplies
RAD HARD ULTRA LOW
DROPOUT ADJUSTABLE
POSITIVE LINEAR REGULATOR
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
DESCRIPTION:
The MSK5805RH is a rad hard adjustable linear regulator capable of delivering greater than 1.0 amp of output current.
The typical dropout is only 0.10 volts at 0.5 amp. An external shutdown/reset function is ideal for power supply sequencing.
This device also has latching overload protection that requires no external current sense resistor. The MSK5805RH is ra-
diation hardened and specifically designed for many space/satellite applications. The device is packaged in a hermetically
sealed 16 pin flatpack that can be lead formed for surface mount applications.
PIN-OUT INFORMATION
GND2
GND2
GND2
VBIAS
IADJ1
IADJ2
VINA
VINB
Manufactured using
Space Qualified RH1573 Die
Total Dose Hardened to 300 Krads(Si) (Method 1019.7 Condition A)
Ultra Low Dropout for Reduced Power Consumption
External Shutdown/Reset Function
Latching Overload Protection
Adjustable Output Using Two External Resistors
User Adjustable Current Limit
Surface Mount Package Available with Lead Forming
Greater than 1.0A Output Current
Non-Rad Hard EDU Version Available
1
MIL-PRF-38534 & 38535 CERTIFIED FACILITY
9
10
11
12
13
14
15
16
VOUTA
VOUTB
VOUT SENSE
GND1
GND1
FB
LATCH
SHUT DOWN
1
2
3
4
5
6
7
8
8548-111 Rev. F 5/15


Similar Part No. - MSK5805RH

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5805RH ANAREN-MSK5805RH Datasheet
1Mb / 11P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5805RHG ANAREN-MSK5805RHG Datasheet
1Mb / 11P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
More results

Similar Description - MSK5805RH

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5800RH ANAREN-MSK5800RH Datasheet
960Kb / 10P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5805RH ANAREN-MSK5805RH Datasheet
1Mb / 11P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5810RH ANAREN-MSK5810RH Datasheet
1Mb / 10P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5821RH ANAREN-MSK5821RH Datasheet
297Kb / 9P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5824RH ANAREN-MSK5824RH Datasheet
495Kb / 8P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5826RH ANAREN-MSK5826RH Datasheet
491Kb / 8P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5910RH ANAREN-MSK5910RH Datasheet
967Kb / 10P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5920 ANAREN-MSK5920 Datasheet
480Kb / 9P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5921RH ANAREN-MSK5921RH Datasheet
227Kb / 9P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5950RH ANAREN-MSK5950RH Datasheet
604Kb / 9P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com