Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5805RH Datasheet(PDF) 7 Page - M.S. Kennedy Corporation

Part # MSK5805RH
Description  RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5805RH Datasheet(HTML) 7 Page - M.S. Kennedy Corporation

Back Button MSK5805RH Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 8Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 9Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 10Page - M.S. Kennedy Corporation MSK5805RH Datasheet HTML 11Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
TYPICAL PERFORMANCE CURVES CONT'D
GAIN AND PHASE RESPONSE
The gain and phase response curves are for the MSK typical application circuit and are representative of typical
device performance, but are for reference only. The performance should be analyzed for each application to insure
individual program requirements are met. External factors such as temperature, input and output voltages, capac-
itors, etc. all can be major contributors. Please consult factory for additional details.
-225
-180
-135
-90
-45
0
45
90
135
180
225
-100
-80
-60
-40
-20
0
20
40
60
80
100
1
10
100
1000
10000
FREQUENCY (kHz)
GAIN AND PHASE vs. FREQUENCY
VIN = 2.5
VOUT = 1.5V
IOUT = 10mA
COUT = 150µF, TAZX157K010L
-225
-180
-135
-90
-45
0
45
90
135
180
225
-100
-80
-60
-40
-20
0
20
40
60
80
100
1
10
100
1000
10000
FREQUENCY (kHz)
GAIN AND PHASE vs. FREQUENCY
VIN = 2.5
VOUT = 1.5V
IOUT = 0.5A
COUT = 150µF, TAZX157K010L
-225
-180
-135
-90
-45
0
45
90
135
180
225
-100
-80
-60
-40
-20
0
20
40
60
80
100
1
10
100
1000
10000
FREQUENCY (kHz)
GAIN AND PHASE vs. FREQUENCY
VIN = 2.5
VOUT = 1.5V
IOUT = 1.0A
COUT = 150µF, TAZX157K010L
-225
-180
-135
-90
-45
0
45
90
135
180
225
-100
-80
-60
-40
-20
0
20
40
60
80
100
1
10
100
1000
10000
FREQUENCY (kHz)
GAIN AND PHASE vs. FREQUENCY
VIN = 5.0V
VOUT = 3.3V
IOUT = 10mA
COUT = 150µF, TAZX157K010L
-225
-180
-135
-90
-45
0
45
90
135
180
225
-100
-80
-60
-40
-20
0
20
40
60
80
100
1
10
100
1000
10000
FREQUENCY (kHz)
GAIN AND PHASE vs. FREQUENCY
VIN = 5.0V
VOUT = 3.3V
IOUT = 0.5A
COUT = 150µF, TAZX157K010L
-225
-180
-135
-90
-45
0
45
90
135
180
225
-100
-80
-60
-40
-20
0
20
40
60
80
100
1
10
100
1000
10000
FREQUENCY (kHz)
GAIN AND PHASE vs. FREQUENCY
VIN = 5.0V
VOUT = 3.3V
IOUT = 1.0A
COUT = 150µF, TAZX157K010L
8548-111 Rev. F 5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com