Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2301 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2301
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2301 Datasheet(HTML) 82 Page - Texas Instruments

Back Button TSC2301 Datasheet HTML 78Page - Texas Instruments TSC2301 Datasheet HTML 79Page - Texas Instruments TSC2301 Datasheet HTML 80Page - Texas Instruments TSC2301 Datasheet HTML 81Page - Texas Instruments TSC2301 Datasheet HTML 82Page - Texas Instruments TSC2301 Datasheet HTML 83Page - Texas Instruments TSC2301 Datasheet HTML 84Page - Texas Instruments TSC2301 Datasheet HTML 85Page - Texas Instruments TSC2301 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
www.ti.com
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
Bit 1 — SSRTE
Volume Soft-stepping Rate Select. This bit selects the speed of the soft-stepping function of the TSC2301
volume controls. At normal speed, the actual volume is updated approximately once every 20 µs. At half speed,
the actual volume is updated approximately once every 40 µs.
Table 47. Volume Soft-Stepping Rate Select
SSRTE
Description
0
Normal step rate used (default).
1
Half step rate used.
Bit 0 — SSTEP
Soft-step Flag. This read-only bit indicates that the TSC2301 volume control soft-stepping is completed.
Table 48. Soft-Step Flag
SSTEP
Description
0
Soft-stepping is not complete.
1
Soft-stepping is complete (default).
AUDIO POWER CONTROL REGISTER (Page 2, Address 05H)
The audio power / miscellaneous control register of the TSC2301 controls the powering down of various audio
blocks of the TSC2301. The default state of the TSC2301 has all audio blocks powered down. Before using any
of the audio blocks, they must be powered up by writing to this register. This register also controls the crystal
oscillator clock and buffer, the bass-boost filter, and the de-emphasis filter.
The audio power / miscellaneous control register is formatted as follows:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MSB
LSB
APD
AVPD
ABPD
HAPD
MOPD
DAPD ADPD ADPD PDSTS MIBPD
OSC
BCKC
SMPD
OTSY
BASS
DEEM
L
R
C
N
P
For bits 15 through 8 of this register, writing a 1 to a selected bit powers down the affected section, writing a 0
powers up the section.
Bit 15 — APD
Audio Power Down. This bit powers down the entire audio section if set, regardless of the settings of the other
bits in this register. When this bit is cleared, the individual sections of the audio codec still need to be powered
up individually. The settings of the other bits in the register are retained when this bit is set and cleared. The
default is 1 (powered down).
Bit 14 — AVPD
Audio VCM Power Down. If this is set to 1, the VCM powers up whenever it is needed (such as when the audio
ADC, DAC, or bypass path is enabled) and powers down when no longer needed. If this bit is set to 0, after an
audio component is powered up and causes VCM to power up, it no longer powers down, even if all audio
components are powered down. This is intended to avoid the 500 µs delay needed for VCM to power up slowly.
The default is 1 (powered down).
Bit 13 — ABPD
Audio Bypass Path Power Down. This is used to power up (set to 0) or power down (set to 1) the audio bypass
path. The default is 1 (powered down).
Bits 12 — HAPD
Headphone Amplifier Power Down. This is used to power up (set to 0) or power down (set to 1) the headphone
amplifier. The default is 1 (powered down).
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com