Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2301 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2301
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2301 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TSC2301 Datasheet HTML 8Page - Texas Instruments TSC2301 Datasheet HTML 9Page - Texas Instruments TSC2301 Datasheet HTML 10Page - Texas Instruments TSC2301 Datasheet HTML 11Page - Texas Instruments TSC2301 Datasheet HTML 12Page - Texas Instruments TSC2301 Datasheet HTML 13Page - Texas Instruments TSC2301 Datasheet HTML 14Page - Texas Instruments TSC2301 Datasheet HTML 15Page - Texas Instruments TSC2301 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
www.ti.com
96
97
98
99
100
101
102
–60 –40
–20
0
20
40
60
80
100
Temperature (5C)
–102
–101
–100
–99
–98
–97
–96
–95
–60
–40 –20
0
20
40
60
80
100
Temperature (5C)
96
97
98
99
100
–60
–40 –20
0
20
40
60
80
100
Temperature (5C)
Vdd (V)
2.483
2.48375
2.4845
2.48525
2.486
2.48675
2.4875
2.5
3
3.5
1.1999
1.2
1.2001
1.2002
1.2003
1.2004
1.2005
2.5
3
3.5
Vdd (V)
4.9
4.95
5
5.05
5.1
5.15
5.2
5.25
5.3
5.35
2.5
3
3.5
Vdd (V)
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, +VDD = +3.3 V, VREF = +2.5 V, fSAMPLE = 125 kHz, unless otherwise noted.
SNR OF BYPASS PATH
THD OF MONO PATH
SNR OF MONO PATH
vs
vs
vs
TEMPERATURE
TEMPERATURE
TEMPERATURE
Figure 19.
Figure 20.
Figure 21.
1.25-V REFERENCE
2.5-V INTERNAL REFERENCE
SWITCH ON-RESISTANCE
vs
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 22.
Figure 23.
Figure 24.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com