Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2301 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2301
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2301 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TSC2301 Datasheet HTML 34Page - Texas Instruments TSC2301 Datasheet HTML 35Page - Texas Instruments TSC2301 Datasheet HTML 36Page - Texas Instruments TSC2301 Datasheet HTML 37Page - Texas Instruments TSC2301 Datasheet HTML 38Page - Texas Instruments TSC2301 Datasheet HTML 39Page - Texas Instruments TSC2301 Datasheet HTML 40Page - Texas Instruments TSC2301 Datasheet HTML 41Page - Texas Instruments TSC2301 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
www.ti.com
Bit 12 — PCTE
Bit [11:8] — PDC3 - PDC0
Bit [7:4] — A3 - A0
Bit [3:0] — N3 - N0
F
OUT +
MCLK
P
(4N ) A)
3
, (N w A),
MCLK
P
u 1MHz
(3)
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
PLL Control Enable. This bit allows the user to manually control the audio codec internal PLL. This allows the
user to modify the contents of bits [11-0] to control the audio codec PLL. Writing a 0 to this bit enables manual
control of the PLL. Otherwise, the PLL is set automatically based on the settings of MCLK [1:0] and I2SFS[3:0] in
the audio control register (bits 7-2 in register 00h, page 2).
Table 27. PLL Control Enable
PLLO
Description
0
Allows modification of bits [11:0].
1
PLL operates as normal, no manual override (default).
PLL Predivider Control. This bit controls the predivider to the internal PLL. These bits represent a 4-bit straight
binary number corresponding to the variable P in the PLL control equation discussed later in this section. The
legal range of these bits is 1h to Fh. The default of these bits is Fh.
A Control. This bit represent a 4-bit straight binary number corresponding to the variable A in the PLL control
equation discussed later in this section. The legal range of these bits is 0h to Fh. The default of these bits is Fh.
N Control. This bit represents a 4-bit straight binary number corresponding to the variable N in the PLL control
equation discussed later in this section. The legal range of these bits is 0h to Fh. The default of these bits is Fh.
When using a nonaudio standard MCLK frequency or crystal that is not covered by any of the automatic PLL
settings in MCLK[1:0], the user must manually configure the TSC2301 PLL to generate the proper clock for the
audio data converters. The proper clock for any sampling rates that are submultiples of 44.1 kHz is 512 x 44.1
kHz = 22.5792 MHz. This frequency is valid for 44.1 kHz, 22.05 kHz, and 11.025 kHz. The proper clock for any
sampling rates that are submultiples of 48 kHz is 512 x 48 kHz = 24.576 MHz. This frequency is valid for 48 kHz,
32 kHz, 24 kHz, 16 kHz, 12 kHz, and 8 kHz. Equation 3 is used to obtain the proper frequency. Since variables
P, N, and A are integers, the exact proper clock frequencies can not always be obtained. However, examples are
provided for common MCLK/crystal frequencies that minimize the error of the PLL output. One constraint is the N
must always be greater than or equal to A. Another constraint is that the output of the MCLK predivider (the
MCLK/P term) should be greater than 1 MHz. P can be any integer from 1 to 15, inclusive. N and A can be any
integer from 0 to 15, inclusive. In some situations, settings outside of these constraints may work, but should be
verified by the user beforehand. Table 28 shows some settings that have been tested and confirmed to work by
TI.
Table 28. PLL Settings
MCLK (MHz)
Desired
P
A
N
Actual Fout(MHz)
% Error
Fout(MHz)
12
24.576
7
7
9
24.57143
-0.019
13
24.576
9
7
11
24.55556
-0.083
16
24.576
13
12
12
24.61538
0.160
19.2
24.576
13
10
10
24.61538
0.160
19.68
24.576
12
9
9
24.60000
0.097
3.6869
22.5792
3
7
12
22.53106
-0.213
12
22.5792
11
10
13
22.54545
-0.149
13
22.5792
14
13
15
22.59524
0.071
16
22.5792
13
11
11
22.56410
-0.067
19.2
22.5792
15
9
11
22.61333
0.151
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com