Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2301 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2301
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2301 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TSC2301 Datasheet HTML 29Page - Texas Instruments TSC2301 Datasheet HTML 30Page - Texas Instruments TSC2301 Datasheet HTML 31Page - Texas Instruments TSC2301 Datasheet HTML 32Page - Texas Instruments TSC2301 Datasheet HTML 33Page - Texas Instruments TSC2301 Datasheet HTML 34Page - Texas Instruments TSC2301 Datasheet HTML 35Page - Texas Instruments TSC2301 Datasheet HTML 36Page - Texas Instruments TSC2301 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
www.ti.com
TSC2301 Configuration Control Register (Page 1, Address 05H)
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
Table 15. PDN Bit Operation
PDN
Value
Description
0
Internal reference is powered at all times
1
Internal reference is powered down between conversions.
(default)
Note that the PDN bit, in concert with the INT bit, creates a few possibilities for reference behavior. These are
detailed in Table 16.
Table 16. Reference Behavior Possibilities
INT
PDN
Reference Behavior
0
0
External reference used, internal reference powered
down.
0
1
External reference used, internal reference powered
down.
1
0
Internal reference used, always powered up
1
1
Internal reference used, powers up during conversions
and then powers down.
Bit 0 — RFV
Reference Voltage Control. This bit selects the internal reference voltage, either 1.2 V or 2.5 V. The default value
is 1.2 V. This bit is the same whether reading or writing.
Table 17. RFV Bit Operation
RFV
Value
Description
0
1.2-V reference voltage (default)
1
2.5-V reference voltage
This control register controls the configuration of the precharge and sense times for the touch detect circuit. The
register is formatted as follows:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MSB
LSB
RES
RES
RES
RES
RES
RES
RES
RES
RES
RES
PRE2
PRE1
PRE0
SNS2
SNS1
SNS0
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com