Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4834 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4834
Description  1.75W Audio Power Amplifier with DC Volume Control and Microphone Preamp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4834 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4834 Datasheet HTML 1Page - National Semiconductor (TI) LM4834 Datasheet HTML 2Page - National Semiconductor (TI) LM4834 Datasheet HTML 3Page - National Semiconductor (TI) LM4834 Datasheet HTML 4Page - National Semiconductor (TI) LM4834 Datasheet HTML 5Page - National Semiconductor (TI) LM4834 Datasheet HTML 6Page - National Semiconductor (TI) LM4834 Datasheet HTML 7Page - National Semiconductor (TI) LM4834 Datasheet HTML 8Page - National Semiconductor (TI) LM4834 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics for Line/Headphone Amplifier
(Notes 1, 2)
The following specifications apply for V
DD = 5V. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4834
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
P
O
Output Power
THD = 0.1%; f = 1kHz; R
L =32Ω
70
mW
THD=10%;f=1 kHz; R
L =32Ω
95
mW
THD+N
Total Harmonic Distortion+Noise
V
OUT =4VP-P,20Hz <f < 20 kHz,
R
L = 10kΩ,AVD =−1
0.05
%
PSRR
Power Supply Rejection Ratio
C
B = 1.0 µF, f =120 Hz,
V
RIPPLE = 200 mVrms
30
dB
SNR
Signal to Noise Ratio
V
DD=5V, POUT=75mW, RL =32Ω,
A-Wtd Filter
102
dB
Electrical Characteristics for Bridged Speaker Amplifer
(Notes 1, 2)
The following specifications apply for V
DD = 5V, unless otherwise noted. Limits apply for TA= 25˚C.
Symbol
Parameter
Conditions
LM4834
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
V
OS
Output Offset Voltage
V
IN = 0V
5
30
mV (max)
P
O
Output Power
THD = 0.5% (max);f = 1 kHz;
R
L =8Ω
1.1
1.0
W (min)
THD+N = 10%;f = 1 kHz; R
L =8Ω
1.5
W
THD+N
Total Harmonic Distortion+Noise
P
O = 1W, 20 Hz< f < 20 kHz,
R
L =8Ω,AVD =2
0.3
%
P
O = 340 mW, RL =32Ω
1.0
%
PSRR
Power Supply Rejection Ratio
C
B = 1.0 µF, f = 120 Hz,VRIPPLE =
200 mVmrs
58
dB
SNR
Signal to Noise Ratio
V
DD = 5V, POUT = 1.1W, RL=8Ω,
A-Wtd Filter
93
dB
Note 1: All voltages are measured with respect to the ground pins, unlessotherwise specified. All specifications are tested using the typical application as shown in
Figure 1.
Note 2:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditionsfor which the device is func-
tional, but do not guarantee specific performance limits.
Electrical Characteristicsstate DC and AC electrical specifications under particular test conditions which guar-
antee specific performance limits. This assumes that the deviceis within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is
given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX −TA)/θJA.For the LM4834MS, TJMAX = 150˚C, and the typical junction-to-ambient thermal resistance, when board
mounted, is 95˚C/W assuming the MSA028CB package.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 5: Machine Model, 220 pF–240 pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com