Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4834 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4834
Description  1.75W Audio Power Amplifier with DC Volume Control and Microphone Preamp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4834 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4834 Datasheet HTML 1Page - National Semiconductor (TI) LM4834 Datasheet HTML 2Page - National Semiconductor (TI) LM4834 Datasheet HTML 3Page - National Semiconductor (TI) LM4834 Datasheet HTML 4Page - National Semiconductor (TI) LM4834 Datasheet HTML 5Page - National Semiconductor (TI) LM4834 Datasheet HTML 6Page - National Semiconductor (TI) LM4834 Datasheet HTML 7Page - National Semiconductor (TI) LM4834 Datasheet HTML 8Page - National Semiconductor (TI) LM4834 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM4834
1.75W Audio Power Amplifier with DC Volume Control
and Microphone Preamp
General Description
The LM4834 is a monolithic integrated circuit that provides
DC volume control, and a bridged audio power amplifier ca-
pable of producing 1.75W into 4
Ω with less than 1.0%
(THD). In addition, the headphone/lineout amplifier is ca-
pable of driving 70 mW into 32
Ω with less than 0.1%(THD).
The LM4834 incorporates a volume control and an input mi-
crophone preamp stage capable of drivinga1k
Ω load im-
pedance.
Boomer® audio integrated circuits were designed specifically
to provide high quality audio while requiring a minimum
amount of external components in surface mount packaging.
The LM4834 incorporates a DC volume control, a bridged
audio power amplifier and a microphone preamp stage,
making it optimally suited for multimedia monitors and desk-
top computer applications.
The LM4834 features an externally controlled, low-power
consumption shutdown mode, and both a power amplifier
and headphone mute for maximum system flexibility and
performance.
Key Specifications
n
THD at 1.1W continuous average
output power into 8
Ω at 1 kHz
0.5%(max)
n
Output Power into 4
Ω at 1.0%
THD+N
1.75W(typ)
n
THD at 70mW continuous average
output power into 32
Ω at 1 kHz
0.1%(typ)
n
Shutdown Current
1.0µA(max)
n
Supply Current
17.5mA(typ)
Features
n
PC98 Compliant
n
“Click and Pop” suppression circuitry
n
Stereo line level outputs with mono input capability for
system beeps
n
Microphone preamp with buffered power supply
n
DC Volume Control Interface
n
Thermal shutdown protection circuitry
Applications
n
Multimedia Monitors
n
Desktop and Portable Computers
Block Diagram
Connection Diagram
Boomer® is a registered trademark of NationalSemiconductor Corporation.
DS100015-1
FIGURE 1. LM4834 Block Diagram
SSOP Package
DS100015-2
Top View
Order Number LM4834MS
See NS Package Number MSA028CB for SSOP
November 1997
© 1997 National Semiconductor Corporation
DS100015
www.national.com


Similar Part No. - LM4834

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4830 NSC-LM4830 Datasheet
458Kb / 14P
Two-Way Audio Amplification System with Volume Control
LM4830M NSC-LM4830M Datasheet
458Kb / 14P
Two-Way Audio Amplification System with Volume Control
LM4830N NSC-LM4830N Datasheet
458Kb / 14P
Two-Way Audio Amplification System with Volume Control
LM4831 NSC-LM4831 Datasheet
575Kb / 12P
Multimedia Computer Audio Chip
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
More results

Similar Description - LM4834

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4832 NSC-LM4832 Datasheet
688Kb / 22P
Digitally Controlled Tone and Volume Circuit with Stereo Audio Power Amplifier, Microphone Preamp Stage and National 3D Sound
logo
NXP Semiconductors
TDA1013B PHILIPS-TDA1013B Datasheet
111Kb / 11P
4 W audio power amplifier with DC volume control
July 1994
logo
Texas Instruments
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI-TPA0242 Datasheet
444Kb / 29P
STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
logo
Anpec Electronics Corop...
APA7063 ANPEC-APA7063 Datasheet
236Kb / 20P
Stereo 1.5W Audio Power Amplifier with DC Volume Control
logo
Unisonic Technologies
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA2070 ANPEC-APA2070 Datasheet
417Kb / 24P
Stereo 2.6W Audio Power Amplifier (with DC Volume Control)
logo
Unisonic Technologies
PA7468 UTC-PA7468_15 Datasheet
216Kb / 6P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Texas Instruments
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com