Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4834 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4834
Description  1.75W Audio Power Amplifier with DC Volume Control and Microphone Preamp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4834 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4834 Datasheet HTML 4Page - National Semiconductor (TI) LM4834 Datasheet HTML 5Page - National Semiconductor (TI) LM4834 Datasheet HTML 6Page - National Semiconductor (TI) LM4834 Datasheet HTML 7Page - National Semiconductor (TI) LM4834 Datasheet HTML 8Page - National Semiconductor (TI) LM4834 Datasheet HTML 9Page - National Semiconductor (TI) LM4834 Datasheet HTML 10Page - National Semiconductor (TI) LM4834 Datasheet HTML 11Page - National Semiconductor (TI) LM4834 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Application Information (Continued)
is from 2.9dB (pin22 = 4V) to -75dB (pin22 = 0V). Any DC
voltage greater than 4V will result in a gain of 2.9dB. When
the mode pin is given a logic low, the Line/HP amplifier will
be fixed at a gain of 2.9dB regardless of the voltage of pin
22. Refer to the Typical Performance Characteristics for
detailed information of the attenuation characteristics of the
DC Volume Control pin.
MICROPHONE PREAMPLIFIER
The microphone preamplifier is intended to amplify low-level
signals. The mic input can be directly connected to a micro-
phone network or to low level signal inputs. The mic amplifier
has enough output capability to drive a 1k
Ω load. A power
supply buffer is included for microphones which require ex-
ternal biasing.
POWER DISSIPATION
Power dissipation is a major concern when using any power
amplifier and must be thoroughly understood to ensure a
successful design. Equation 1 states the maximum power
dissipation point for a bridged amplifier operating at a given
supply voltage and driving a specified load.
P
DMAX = 4(VDD)
2/(2
π2R
L)
(1)
Along with the bridged amplifier, the LM4834 also incorpo-
rates two single-ended amplifiers. Equation 2 states the
maximum power dissipation point for a single-ended ampli-
fier operating at a given supply voltage and driving a speci-
fied load.
P
DMAX =(VDD)
2/(2
π2R
L)
(2)
Even with the power dissipation of the bridged amplifier
andthe two single-ended amplifiers, the LM4834 does not re-
quire heatsinking. The power dissipation from the three am-
plifiers, must not be greater than the package power dissipa-
tion that results from Equation 3:
P
DMAX =(TJMAX −TA)/ θJA
(3)
For the LM4834 SSOP package,
θ
JA = 95˚C/W and TJMAX =
150˚C. Depending on the ambient temperature, T
A,ofthe
system surroundings, Equation 3 can be used to find the
maximum internal power dissipation supported by the IC
packaging. If the result of Equation 1 and 2 is greater than
that of Equation 3, then either the supply voltage must be de-
creased, the load impedance increased, or the ambient tem-
perature reduced. For the typical application of a 5V power
supply, with an 8
Ω bridged load and 32Ω single ended loads,
the maximum ambient temperature possible without violating
the maximum junction temperature is approximately 82˚C
provided that device operation is around the maximum
power dissipation points. Power dissipation is a function of
output power and thus, if typical operation is not around the
maximum power dissipation point, the ambient temperature
can be increased. Refer to the Typical Performance Char-
acteristics curvesfor power dissipation information for differ-
ent output powers.
GROUNDING
In order to achieve the best possible performance, there are
certain grounding techniques to be followed. All input refer-
ence grounds should be tied with their respective source
grounds and brought back to the power supply ground sepa-
rately from the output load ground returns. Bringing the
ground returns for the output loads back to the supply sepa-
rately will keep large signal currents from interfering with the
stable AC input ground references.
LAYOUT
As stated in the Grounding section, placement of ground re-
turn lines is imperative in maintaining the highest level of
system performance. It is not only important to route the cor-
rect ground return lines together, but also to be aware of
where the ground return lines are routed with respect to each
other. The output load ground returns should be physically
located as far as possible from low signal level lines and their
ground return lines. Critical signal lines are those relating to
the microphone amplifier section, since these lines generally
work at very low signal levels.
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is criti-
cal for low noise performance and high power supply rejec-
tion. The capacitor location on both the bypass and power
supply pins should be as close to the device as possible. The
effect of a larger half supply bypass capacitor is improved
PSRR due to increased half-supply stability. Typical applica-
tions employ a 5 volt regulator with 10 µF and a 0.1 µF by-
pass capacitors which aid in supply stability, but do not elimi-
nate the need for bypassing the supply nodes of the
LM4834. The selection of bypass capacitors, especially C
B,
is thus dependant upon desired PSRR requirements, click
and pop performance as explained in the section, Proper
Selection of External Components, system cost, and size
constraints. It is also recommended to decouple each of the
V
DD pins with a 0.1µF capacitor to ground.
PROPER SELECTION OF EXTERNAL COMPONENTS
Proper selection of external components in applications us-
ing integrated power amplifiers is critical to optimize device
and system performance. While the LM4834 is tolerant of
external component combinations, consideration to compo-
nent values must be used to maximize overall system qual-
ity.
The LM4834’s bridged amplifier should be used in low gain
configurations to minimize THD+N values, and maximize the
signal to noise ratio. Low gain configurations require large in-
put signals to obtain a given output power. Input signals
equal to or greater than 1Vrms are available from sources
such as audio codecs.
Besides gain, one of the major considerations is the closed-
loop bandwidth of the amplifier. To a large extent, the band-
width is dictated by the choice of external components
shown in
Figure 1. Both the input coupling capacitor, C
I, and
the output coupling capacitor form first order high pass filters
which limit low frequency response given in Equations 4 and
5.
f
IC = 1/(2πRiCi)
(4)
f
OC = 1/(2πRLCO)
(5)
These values should be chosen based on required fre-
quency response.
Selection of Input and Output Capacitor Size
Large input and output capacitors are both expensive and
space hungry for portable designs. Clearly, a certain sized
capacitor is needed to couple in low frequencies without se-
vere attenuation. In many cases the speakers used in por-
table systems, whether internal or external, have little ability
to reproduce signals below 100 Hz–150 Hz. In this case, us-
inga large input or output capacitor may not increase system
performance.
In addition to system cost and size, click and pop perfor-
mance is effected by the size of the input coupling capacitor,
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com