Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4834 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4834
Description  1.75W Audio Power Amplifier with DC Volume Control and Microphone Preamp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4834 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4834 Datasheet HTML 1Page - National Semiconductor (TI) LM4834 Datasheet HTML 2Page - National Semiconductor (TI) LM4834 Datasheet HTML 3Page - National Semiconductor (TI) LM4834 Datasheet HTML 4Page - National Semiconductor (TI) LM4834 Datasheet HTML 5Page - National Semiconductor (TI) LM4834 Datasheet HTML 6Page - National Semiconductor (TI) LM4834 Datasheet HTML 7Page - National Semiconductor (TI) LM4834 Datasheet HTML 8Page - National Semiconductor (TI) LM4834 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
External Components Description Figure 2 (Continued)
Components.
Functional Description
4.
C
O
Output coupling capacitor which blocks the DC voltage at the amplifiers output. Forms a high pass filter
with R
L at fo = 1/(2πRLCO).
5.
R
S
Summing resistor that combines the right and left line level outputs into the mono input of the bridged
amplifier. The two summing resistors in parallel determine the value of the input resistance of the bridged
amplifier.
6.
R
LFE
Resistor for the bridged power amplifier in series with R
F at high frequencies. Used in conjunction with
C
LFE to increase closed-loop gain at low frequencies.
7.
R
F
Feedback resistor which sets the closed-loop gain in conjunction with the equivalent R
S for the bridged
power amplifier.
8.
R
M1
Resistor in series with Microphone supply pin and the microphone for biasing differential input
microphones.
9.
R
M2
Resistor in series with reference ground and the microphone used for biasing differential input
microphones.
Typical Performance Characteristics
THD+N vs Frequency
Bridged Power Amp
DS100015-5
THD+N vs Frequency
Bridged Power Amp
DS100015-4
THD+N vs Frequency
Bridge Power Amp
DS100015-6
THD+N vs Frequency
Line Out/HP Amplifiers
DS100015-7
THD+N vs Frequency
Line Out/HP Amplifiers
DS100015-8
THD+N vs Frequency
Line Out/HP Amplifiers
DS100015-9
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com