Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8756 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8756
Description  192KHZ SIX CHANNEL SACD COMPATIBLE AUDIO DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8756 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8756 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
WM8756
Advance Information
AI Rev 1.3 October 2001
6
Test Conditions
AVDD = DVDD = 3V, AGND = 0V = DGND = 0V, TA = +25
oC, fs = 48kHz, SCKI = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SNR (Note 1,2,3)
Non ‘A’ weighted @ fs
= 48kHz
AVDD=DVDD=5V
103
dB
THD (Note 1,2,3)
1KHz, 0dBFs
-90
-95
dB
THD+N (Dynamic range, Note 2)
1kHz, -60dBFs
100
-106
dB
DAC channel separation
<95
dB
Analogue Output Levels
Load = 10k ohms,
0dBFS
1.1
Vrms
Output level
Load = 10k ohms,
0dBFS,
(AVDD = 3.3V)
0.73
Vrms
Gain mismatch
channel-to-channel
±1
%FSR
To midrail or a.c.
coupled
1kOhms
Minimum resistance load
To midrail or a.c.
coupled
(AVDD = 3.3V)
1kOhms
Maximum capacitance load
5V or 3.3V
100
pF
Output d.c. level
AVDD1-
AGND/2
V
Power On Reset (POR)
POR threshold
2.0
V
Table 3 AC Electrical Characteristics
Notes:
1.
Ratio of output level with 1kHz full scale input, to the output level with all zeros into the digital input, measured ‘A’ weighted
over a 20Hz to 20kHz bandwidth.
2.
All performance measurements done with 20kHz low pass filter, and where noted an A-weight filter. Failure to use such a
filter will result in higher THD+N and lower SNR and Dynamic Range readings than are found in the Electrical
Characteristics. The low pass filter removes out of band noise; although it is not audible it may affect dynamic specification
values.
3.
CAP decoupled with 10uF and 0.1uF capacitors (smaller values may result in reduced performance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com