Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8756 Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8756
Description  192KHZ SIX CHANNEL SACD COMPATIBLE AUDIO DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8756 Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8756 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
WM8756
Advance Information
AI Rev 1.3 October 2001
26
DSDB MODE SELECT
This pin puts the device into DSD mode when taken low. Due to the nature of DSD operation only a single
software controlled function is available in this mode. This is the PDWN bit.
DSDB
DSD MODE
0
Device in DSD mode
1
Device in normal PCM operation
Table 18 DSD mode Control
DSD DIGITAL AUDIO INTERFACE
DSD mode is selected by taking the DSDB pin low. In this mode the internal digital filters are by-passed,
and the already modulated bitstream data is applied directly to the Switched Capacitor DAC filter where it
is converted and low-pass filtered.
Two formats are supported for data transfer, NORMAL or PHASE MODULATED.
In Normal mode, DSD data is simply clocked into the device using the rising edge of the 64fs DSDCLK64
signal (see Figure 3).
In Phase Modulation mode, the data is supplied in Manchester encoded form (a bit transition occurs
during every data bit, which shapes the spectral energy minimising corruption of the analogue outputs). A
secondary clock DSDCLK128, at 128fs is used to simplify data recovery, the data simply being clocked
with the falling edge of DSDCLK128 when DSDCLK64 is low (see Figure 4).
Operation of PHASE
MODULATED mode is auto-detected by the presence of a clock signal on the DSDCLK128 pin.
DSD clocks are either inputs (when DMSLV = ‘0’) or outputs (when DMSLV = ‘1’). When DMSLV is ‘1’ the
clocks are derived by using the SCKI as detailed below:
DMCKSEL
DSDCLK64
DSDCLK128
0
SCKI/4
SCKI/2
1
SCKI/6
SCKI/3
Table 19 Master/Slave clock selection
DMSLV
CLOCKS
0
inputs
1
outputs
Table 20 Master/Slave function
See Figure 3 and Figure 4 for details of DSD interface timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com