Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8756 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8756
Description  192KHZ SIX CHANNEL SACD COMPATIBLE AUDIO DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8756 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8756 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
WM8756
Advance Information
AI Rev 1.3 October 2001
10
DSD AUDIO BIPHASE INTERFACE
DSDCLK128
DSD[0:5]
t
BDCH
t
BDCY128
t
BDS
D(n)
inverse D(n)
t
BDH
DSDCLK64
inverse D(n-1)
t
DIFF
t
BDCL
t
BDCY64
Figure 4 DSD Audio Data Timing - Phase Modulation Mode
Test Conditions
AVDD= DVDD = 5V, AGND= GR= DGND = 0V, TA = +25
oC, fs = 48kHz, SCKI = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
DSDCLK64 cycle time
tBDCY64
354.4
ns
DSDCLK128 cycle time
tBDCY128
177.2
ns
DSDCLK128 pulse width
high
tBDCH
80
ns
DSDCLK128 pulse width
low
tBDCL
80
ns
DSD[0:5] set-up time to
DSDCLK128 rising edge
tBDS
10
ns
DSD[0:5] hold time from
DSDCLK128 rising edge
tBDH
10
ns
Difference in edge timing of
DSDCLK64 to DSDCLK128
tDIFF
20
ns
Table 9 DSD Digital Audio Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com