Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8756 Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8756
Description  192KHZ SIX CHANNEL SACD COMPATIBLE AUDIO DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8756 Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8756 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
WM8756
Advance Information
AI Rev 1.3 October 2001
25
HARDWARE CONTROL MODES
When the MODE pin is held high, and DSDB pin is high, the following hardware modes of operation are
available.
MUTE AND AUTOMUTE OPERATION
In both hardware and software modes pin 12 (MUTE) controls selection of MUTE directly, and can be
used to enable and disable the automute function, or as an output of the automuted signal.
AUTOMUTED (Internal
Signal)
10k
Ω
Ω
Ω
Ω
SOFTMUTE
(Internal
Signal)
MUTE
PIN
Figure 14 Mute Circuit Operation
The MUTE pin behaves as a bi-directional function, that is, as an input to select MUTE or NOT-MUTE, or
as an output indication of automute operation. MUTE is active high; taking the pin high causes the filters
to soft mute, ramping down the audio signal over a few milliseconds. Taking MUTE low again allows data
into the filter.
The automute function detects a series of zero value audio samples of 1024 samples long being applied
to all 6 channels. After such an event, a latch is set whose output (AUTOMUTED) is wire OR’ed through a
10kohm resistor to the MUTE pin. Thus if the MUTE pin is not being driven, the automute function will
assert MUTE.
If MUTE is tied low, AUTOMUTED is overridden and will not mute. If MUTE is driven from a source
follower, or diode, then both MUTE and automute functions are available. If MUTE is not driven,
AUTOMUTED appears as a weak output (10k source impedance) so can be used to drive external mute
circuits.
INPUT FORMAT SELECTION
In hardware mode, pins 16 and 17 become input controls for selection of input data format type and input
data word length (see Table 16). I
2S mode is designed to support any word length provided enough bit
clocks are sent.
ML/I2S
MC/IWL
INPUT DATA MODE
0
0
16-bit right justified
0
1
20-bit right justified
1
0
24-bit right justified
11
I
2S mode
Table 16 Control of Input Data Format Type and Input Data Word Length
MD/DM DE-EMPHASIS
In hardware mode, pin 18 becomes an input control for selection of de-emphasis filtering to be applied
(see Table 17).
MD/DM
DE-EMPHASIS MODE
0
De-emphasis off
1
De-emphasis on
Table 17 De-emphasis Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com