Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4356BCPZ Datasheet(PDF) 33 Page - Analog Devices

Part # ADF4356BCPZ
Description  6.8 GHz Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4356BCPZ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADF4356BCPZ Datasheet HTML 27Page - Analog Devices ADF4356BCPZ Datasheet HTML 28Page - Analog Devices ADF4356BCPZ Datasheet HTML 29Page - Analog Devices ADF4356BCPZ Datasheet HTML 30Page - Analog Devices ADF4356BCPZ Datasheet HTML 31Page - Analog Devices ADF4356BCPZ Datasheet HTML 32Page - Analog Devices ADF4356BCPZ Datasheet HTML 33Page - Analog Devices ADF4356BCPZ Datasheet HTML 34Page - Analog Devices ADF4356BCPZ Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Data Sheet
ADF4356
Rev. 0 | Page 33 of 35
APPLICATIONS INFORMATION
POWER SUPPLIES
The ADF4356 contains four multiband VCOs that cover an
octave range of frequencies. To ensure the best performance, it is
vital to connect a low noise regulator, such as the ADM7150 or
the ADM7170 to the VVCO pin. Connect the same regulator to
package pins VVCO, VREGVCO, and VP.
For the 3.3 V supply pins, use two ADM7170 regulators, one for
the DVDD and AVDD supplies and one for VRF. Figure 43 shows
the recommended connections.
PRINTED CIRCUIT BOARD (PCB) DESIGN
GUIDELINES FOR A CHIP-SCALE PACKAGE
The lands on the 32-lead, lead frame chip scale package are
rectangular. The PCB pad for these lands must be 0.1 mm
longer than the package land length and 0.05 mm wider than
the package land width. Center each land on the pad to
maximize the solder joint size.
The bottom of the chip scale package has a central exposed
thermal pad. The thermal pad on the PCB must be at least as
large as the exposed pad. On the PCB, there must be a minimum
clearance of 0.25 mm between the thermal pad and the inner
edges of the pad pattern. This clearance ensures the avoidance
of shorting.
To improve the thermal performance of the package, use thermal
vias on the PCB thermal pad. If vias are used, incorporate them
into the thermal pad at the 1.2 mm pitch grid. The via diameter
must be between 0.3 mm and 0.33 mm, and the via barrel must
be plated with 1 oz. of copper to plug the via.
For a microwave PLL and VCO synthesizer, such as the ADF4356,
take care with the board stack-up and layout. Do not consider
using FR4 material because it is too lossy above 3 GHz. Instead,
Rogers 4350, Rogers 4003, or Rogers 3003 dielectric material is
suitable.
Take care with the RF output traces to minimize discontinuities
and ensure the best signal integrity. Via placement and grounding
are critical.
100Ω
VOUT = 5.0V
VIN = 6.0V
VOUT
REF
GND
REF_SENSE
VREG
BYP
EN
ON
OFF
VIN
COUT
1µF
CIN
1µF
CREG
10µF
CBYP
1µF
430Ω
68Ω
VRF = 3.3V
VIN = 6.0V
VOUT
REF
GND
REF_SENSE
VREG
BYP
EN
ON
OFF
VIN
COUT
1µF
CIN
1µF
CREG
10µF
CBYP
1µF
VOUT = 3.3V
VIN = 6.0V
VOUT
REF
GND
REF_SENSE
VREG
BYP
EN
ON
OFF
VIN
COUT
1µF
CIN
1µF
CREG
10µF
CBYP
1µF
ADF4356
ADM7150
17
8
1nF
1nF
FREFIN
REFINA
REFINB
REFOUTB+
REFOUTB–
REFOUTA+
VRF
1nF
1nF
7.5nH
7.5nH
REFOUTA–
CLK
DATA
LE
FREFIN
1nF
1nF
29
28
1
2
3
NIC
CPGND
31
SDGND
AGNDRF
9
13 18 21
AGND
24
VBIAS
23
VREF
19
VREGVCO
0.1µF
10pF
22
VVCO VP
AVDD
DVDD
AVDD CE PDBRF VRF CREG1CREG2 MUXOUT
100nF
6
27
5
16
4
26
10
32
25
30
14
15
11
12
VTUNE 20
CPOUT 7
100nF
0.1µF
10pF
0.1µF
33nF
6800pF
1µF
10pF
ADM7150
ADM7150
LOCK DETECT
Figure 43. Power Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com