Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4356BCPZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADF4356BCPZ
Description  6.8 GHz Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4356BCPZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADF4356BCPZ Datasheet HTML 11Page - Analog Devices ADF4356BCPZ Datasheet HTML 12Page - Analog Devices ADF4356BCPZ Datasheet HTML 13Page - Analog Devices ADF4356BCPZ Datasheet HTML 14Page - Analog Devices ADF4356BCPZ Datasheet HTML 15Page - Analog Devices ADF4356BCPZ Datasheet HTML 16Page - Analog Devices ADF4356BCPZ Datasheet HTML 17Page - Analog Devices ADF4356BCPZ Datasheet HTML 18Page - Analog Devices ADF4356BCPZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Data Sheet
ADF4356
Rev. 0 | Page 15 of 35
Table 7. Total IDD (RF Output A Enabled/RF Output B Disabled) 1
Divide By
RFOUTA± Off
RFOUTA± = −4 dBm
RFOUTA± = −1 dBm
RFOUTA± = 2 dBm
RFOUTA± = 5 dBm
5 V Supply (IVCO and IP)
78 mA
78 mA
78 mA
78 mA
78 mA
3.3 V Supply (AIDD, DIDD, and IRF)
1
84.8
106.2
117.3
128.2
138.9
2
94.1
114.9
125.7
136.4
146.5
4
103.9
124.9
136.2
147.3
158.0
8
111.9
132.9
144.3
155.6
166.8
16
116.9
138.0
149.5
160.7
171.8
32
120.9
142.0
153.6
164.8
176.1
64
123.3
144.4
156.0
167.3
178.4
1
RFOUTA± refers to RFOUTA+/RFOUTA−.
Table 8. Total IDD (RF Output A Enabled/RF Output B Enabled) 1
Divide By
RFOUTA±/RFOUTB± Off
RFOUTA±/RFOUTB± =
−4 dBm
RFOUTA±/RFOUTB± =
−1 dBm
RFOUTA±/RFOUTB± =
2 dBm
RFOUTA±/RFOUTB± =
5 dBm
5 V Supply (IVCO and IP)
78 mA
78 mA
78 mA
78 mA
78 mA
3.3 V Supply (AIDD, DIDD, and IRF)
1
84.9
133.5
150.0
166.3
182.1
2
94.2
142.4
159.8
177.2
193.6
4
104.0
151.9
169.5
187.0
204.0
8
112.0
159.7
177.3
194.7
211.6
16
117.0
164.5
182.2
199.5
216.5
32
121.0
168.4
186.1
203.5
220.4
64
123.4
170.8
188.6
205.8
222.8
1
RFOUTA± refers to RFOUTA+/RFOUTA− and RFOUTB± refers to RFOUTB+/RFOUTB−.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com