Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGS1412BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADGS1412BCPZ
Description  Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1412BCPZ Datasheet(HTML) 5 Page - Analog Devices

  ADGS1412BCPZ Datasheet HTML 1Page - Analog Devices ADGS1412BCPZ Datasheet HTML 2Page - Analog Devices ADGS1412BCPZ Datasheet HTML 3Page - Analog Devices ADGS1412BCPZ Datasheet HTML 4Page - Analog Devices ADGS1412BCPZ Datasheet HTML 5Page - Analog Devices ADGS1412BCPZ Datasheet HTML 6Page - Analog Devices ADGS1412BCPZ Datasheet HTML 7Page - Analog Devices ADGS1412BCPZ Datasheet HTML 8Page - Analog Devices ADGS1412BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ADGS1412
Data Sheet
Rev. 0 | Page 4 of 25
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
IDD
0.001
µA typ
All switches open
1
µA max
220
µA typ
All switches closed, VL = 5.5 V
380
µA max
230
µA typ
All switches closed, VL = 2.7 V
380
µA max
IL
Inactive
6.3
µA typ
Digital inputs = 0 V or VL
7
8.0
µA max
Active at 50 MHz
1.8
mA typ
Digital inputs toggle between
0 V and VL, VL = 5.5 V
2
2.1
mA max
0.7
mA typ
Digital inputs toggle between
0 V and VL, VL = 2.7 V
1.0
mA max
ISS
0.001
µA typ
Digital inputs = 0 V or VL
1.0
µA max
VDD/VSS
±4.5/±16.5
V min/V max
GND = 0 V
1
Guaranteed by design; not subject to production test.
±5 V DUAL SUPPLY
VDD = +5 V ± 10%, VSS = −5 V ± 10%, VL = 2.7 V to 5.5 V, and GND = 0 V, unless otherwise noted.
Table 2.
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V
On Resistance, RON
3.3
Ω typ
VS = ±4.5 V, IS = −10 mA,
see Figure 28
4
4.9
5.4
Ω max
VDD = +4.5 V, VSS = −4.5 V
On-Resistance Match Between
Channels, ∆RON
0.13
Ω typ
VS = ±4.5 V, IS = −10 mA
0.22
0.23
0.25
Ω max
On-Resistance Flatness, RFLAT (ON)
0.9
Ω typ
VS = ±4.5 V, IS = −10 mA
1.1
1.24
1.31
Ω max
LEAKAGE CURRENTS
VDD = +5.5V, VSS = −5.5 V
Source Off Leakage, IS (Off)
±0.03
nA typ
VS = ±4.5 V, VD = 4.5 V,
see Figure 31
±0.55
±2
±12.5
nA max
Drain Off Leakage, ID (Off)
±0.03
nA typ
VS = ±4.5 V, VD = 4.5 V,
see Figure 31
±0.55
±2
±12.5
nA max
Channel On Leakage, ID (On), IS (On)
±0.05
nA typ
VS = VD = ±4.5V, see Figure 27
±1.0
±4
±30
nA max
DIGITAL INPUTS
Input Voltage
High, VINH
2
V min
3.3 V < VL ≤ 5.5 V
1.35
V min
2.7 V ≤ VL ≤ 3.3 V
Low, VINL
0.8
V max
3.3 V < VL ≤ 5.5 V
0.8
V max
2.7 V ≤ VL ≤ 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com