Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104935 Datasheet(PDF) 4 Page - Analog Devices

Part # 104935
Description  Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

104935 Datasheet(HTML) 4 Page - Analog Devices

  104935 Datasheet HTML 1Page - Analog Devices 104935 Datasheet HTML 2Page - Analog Devices 104935 Datasheet HTML 3Page - Analog Devices 104935 Datasheet HTML 4Page - Analog Devices 104935 Datasheet HTML 5Page - Analog Devices 104935 Datasheet HTML 6Page - Analog Devices 104935 Datasheet HTML 7Page - Analog Devices 104935 Datasheet HTML 8Page - Analog Devices 104935 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
HMC558A
Data Sheet
Rev. 0 | Page 4 of 15
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
RF Input Power
25 dBm
LO Input Power
25 dBm
IF Input Power
25 dBm
IF Source/Sink Current
3 mA
Maximum Junction Temperature
175°C
Continuous PDISS (T = 85°C) (Derate
5.5 mW/°C Above 85°C)
495 mW
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range (Soldering 60 sec)
−65°C to +150°C
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
2500 V (Class 2)
Field Induced Charged Device Model
(FICDM)
1000 V (Class C5)
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
Table 3. Thermal Resistance
Package Type
θJC
Unit
E-12-11
180
°C/W
1 See JEDEC standard JESD51-2 for additional information on optimizing the
thermal impedance (PCB with 3 × 3 vias).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com