Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104935 Datasheet(PDF) 1 Page - Analog Devices

Part # 104935
Description  Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

104935 Datasheet(HTML) 1 Page - Analog Devices

  104935 Datasheet HTML 1Page - Analog Devices 104935 Datasheet HTML 2Page - Analog Devices 104935 Datasheet HTML 3Page - Analog Devices 104935 Datasheet HTML 4Page - Analog Devices 104935 Datasheet HTML 5Page - Analog Devices 104935 Datasheet HTML 6Page - Analog Devices 104935 Datasheet HTML 7Page - Analog Devices 104935 Datasheet HTML 8Page - Analog Devices 104935 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
5.5 GHz to 14 GHz,
GaAs MMIC Fundamental Mixer
Data Sheet
HMC558A
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
Local oscillator (LO) to radio frequency (RF) isolation: 45 dB
typical at 5.5 GHz to 10 GHz
LO to intermediate frequency (IF) isolation: 45 dB typical at
10 GHz to 14 GHz
Input third-order intercept (IIP3): 21 dBm typical at 10 GHz
to 14 GHz
Input P1dB: 11.5 dBm typical at 10 GHz to 14 GHz
Input second-order intercept (IIP2): 55 dBm typical at 10 GHz
to 14 GHz
Passive double-balanced topology
Wide IF bandwidth: dc to 6 GHz
12-lead ceramic leadless chip carrier package
APPLICATIONS
Point to point microwave radios
Point to multipoint radios
Military end use
Instrumentation, automatic test equipment (ATE), and sensors
FUNCTIONAL BLOCK DIAGRAM
RF
HMC558A
LO
IF
Figure 1.
GENERAL DESCRIPTION
The HMC558A is a general-purpose, double-balanced mixer in a
leadless RoHS compliant SMT package that can be used as an
upconverter or downconverter between 5.5 GHz and 14 GHz.
This mixer is fabricated in a gallium arsenide (GaAs) metal semi-
conductor field effect transistor (MESFET) process, and requires
no external components or matching circuitry.
The HMC558A provides excellent LO to RF and LO to IF isolation
due to optimized balun structures, and operates with LO drive
levels as low as 9 dBm. The RoHS compliant HMC558A eliminates
the need for wire bonding, and is compatible with high volume
surface-mount manufacturing techniques.


Similar Part No. - 104935

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
104935 ERNI-104935 Datasheet
110Kb / 1P
ERmet Federleiste D
More results

Similar Description - 104935

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BGA310 SIEMENS-BGA310 Datasheet
20Kb / 4P
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
BGA312 SIEMENS-BGA312 Datasheet
20Kb / 4P
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz)
BGA318 SIEMENS-BGA318 Datasheet
20Kb / 4P
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz)
logo
Analog Devices
AD8347ARUZ AD-AD8347ARUZ Datasheet
630Kb / 28P
0.8 GHz to 2.7 GHz Direct Conversion
REV. A
logo
Pasternack Enterprises,...
PE15A3268 PASTERNACK-PE15A3268 Datasheet
374Kb / 3P
5.5 dB NF, 10 dBm P1dB, 18 GHz to 40 GHz, Low Noise Broadband Amplifier, 18 dB Gain, 2.4mm
PE2206-6 PASTERNACK-PE2206-6 Datasheet
211Kb / 3P
Directional 6 dB SMA Coupler From 7.5 GHz to 16 GHz Rated To 50 Watts
logo
Cree, Inc
CGHV60075D5 CREE-CGHV60075D5 Datasheet
662Kb / 7P
19 dB Typical Small Signal Gain at 4 GHz
Rev 1.1
logo
Analog Devices
HMC787A AD-HMC787A Datasheet
956Kb / 18P
Conversion loss: 9 dB typical at 3 GHz to 9 GHz
REV. 0
logo
CRYSTEK CORPORATION
CBTEE-01-50-6000 CRYSTEKMICROWAVE-CBTEE-01-50-6000 Datasheet
235Kb / 4P
High Isolation, 35 dB Typical at 1 GHz
logo
Pasternack Enterprises,...
PE2206-30 PASTERNACK-PE2206-30 Datasheet
246Kb / 3P
Directional 30 dB SMA Coupler From 7.5 GHz to 16 GHz Rated To 50 Watts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com