Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104935 Datasheet(PDF) 5 Page - Analog Devices

Part # 104935
Description  Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

104935 Datasheet(HTML) 5 Page - Analog Devices

  104935 Datasheet HTML 1Page - Analog Devices 104935 Datasheet HTML 2Page - Analog Devices 104935 Datasheet HTML 3Page - Analog Devices 104935 Datasheet HTML 4Page - Analog Devices 104935 Datasheet HTML 5Page - Analog Devices 104935 Datasheet HTML 6Page - Analog Devices 104935 Datasheet HTML 7Page - Analog Devices 104935 Datasheet HTML 8Page - Analog Devices 104935 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Data Sheet
HMC558A
Rev. 0 | Page 5 of 15
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
HMC558A
TOP VIEW
(Not to Scale)
9
8
7
GND
RF
GND
1
2
3
GND
LO
GND
45
6
12
11
10
NOTES
1. NIC = NO INTERNAL CONNECTION.
2. EXPOSED PAD. CONNECT THE EXPOSED PAD TO A LOW
IMPEDANCE THERMAL AND ELECTRICAL GROUND PLANE.
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 4, 6, 7, 9
GND
Ground. See Figure 6 for the ground interface schematic.
2
LO
Local Oscillator Port. This pin is ac-coupled and matched to 50 Ω. See Figure 4 for the LO interface schematic.
5
IF
DC-Coupled IF. For applications not requiring operation to dc, dc block this port externally using a series
capacitor whose value is chosen to pass the necessary IF frequency range. For operation to dc, this pin
must not source or sink more than 3 mA of current, or device nonfunction and possible device failure may
result. See Figure 5 for the IF interface schematic.
8
RF
RF Port. This pin is ac-coupled internally and matched to 50 Ω. See Figure 3 for the RF interface schematic.
10, 11, 12
NIC
No Internal Connection. These pins can be grounded.
EPAD
Exposed Pad. Connect the exposed pad to a low impedance thermal and electrical ground plane.
INTERFACE SCHEMATICS
RF
Figure 3. RF Interface
LO
Figure 4. LO Interface
IF
Figure 5. IF Interface
GND
Figure 6. Ground Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com