Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104935 Datasheet (PDF) - Analog Devices

104935 Datasheet PDF - Analog Devices
Part # 104935
Download  104935 Download
File Size   367.29 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz

104935 Datasheet (PDF)

Go To PDF Page Download Datasheet
104935 Datasheet PDF - Analog Devices

Part # 104935
Download  104935 Click to download

File Size   367.29 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz

104935 Datasheet (HTML) - Analog Devices


104935 Product details

GENERAL DESCRIPTION
The HMC558A is a general-purpose, double-balanced mixer in a leadless RoHS compliant SMT package that can be used as an upconverter or downconverter between 5.5 GHz and 14 GHz. This mixer is fabricated in a gallium arsenide (GaAs) metal semiconductor field effect transistor (MESFET) process, and requires no external components or matching circuitry.

FEATURES
   Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
   Local oscillator (LO) to radio frequency (RF) isolation: 45 dB
      typical at 5.5 GHz to 10 GHz
   LO to intermediate frequency (IF) isolation: 45 dB typical at
      10 GHz to 14 GHz
   Input third-order intercept (IIP3): 21 dBm typical at 10 GHz
      to 14 GHz
   Input P1dB: 11.5 dBm typical at 10 GHz to 14 GHz
   Input second-order intercept (IIP2): 55 dBm typical at 10 GHz
      to 14 GHz
   Passive double-balanced topology
   Wide IF bandwidth: dc to 6 GHz
   12-lead ceramic leadless chip carrier package

APPLICATIONS
   Point to point microwave radios
   Point to multipoint radios
   Military end use
   Instrumentation, automatic test equipment (ATE), and sensors




Similar Part No. - 104935

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
104935 ERNI-104935 Datasheet
110Kb / 1P
ERmet Federleiste D
More results


Similar Description - 104935

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BGA310 SIEMENS-BGA310 Datasheet
20Kb / 4P
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
BGA312 SIEMENS-BGA312 Datasheet
20Kb / 4P
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz)
BGA318 SIEMENS-BGA318 Datasheet
20Kb / 4P
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz)
logo
Analog Devices
AD8347ARUZ AD-AD8347ARUZ Datasheet
630Kb / 28P
0.8 GHz to 2.7 GHz Direct Conversion
REV. A
logo
Pasternack Enterprises,...
PE15A3268 PASTERNACK-PE15A3268 Datasheet
374Kb / 3P
5.5 dB NF, 10 dBm P1dB, 18 GHz to 40 GHz, Low Noise Broadband Amplifier, 18 dB Gain, 2.4mm
PE2206-6 PASTERNACK-PE2206-6 Datasheet
211Kb / 3P
Directional 6 dB SMA Coupler From 7.5 GHz to 16 GHz Rated To 50 Watts
logo
Cree, Inc
CGHV60075D5 CREE-CGHV60075D5 Datasheet
662Kb / 7P
19 dB Typical Small Signal Gain at 4 GHz
Rev 1.1
logo
Analog Devices
HMC787A AD-HMC787A Datasheet
956Kb / 18P
Conversion loss: 9 dB typical at 3 GHz to 9 GHz
REV. 0
logo
CRYSTEK CORPORATION
CBTEE-01-50-6000 CRYSTEKMICROWAVE-CBTEE-01-50-6000 Datasheet
235Kb / 4P
High Isolation, 35 dB Typical at 1 GHz
logo
Pasternack Enterprises,...
PE2206-30 PASTERNACK-PE2206-30 Datasheet
246Kb / 3P
Directional 30 dB SMA Coupler From 7.5 GHz to 16 GHz Rated To 50 Watts
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com