Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD87310 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87310
Description  Universal Interface XGA Panel Timing Controller with RSDS??(Reduced Swing Differential Signaling) and FPD-Link
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87310 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button FPD87310 Datasheet HTML 4Page - National Semiconductor (TI) FPD87310 Datasheet HTML 5Page - National Semiconductor (TI) FPD87310 Datasheet HTML 6Page - National Semiconductor (TI) FPD87310 Datasheet HTML 7Page - National Semiconductor (TI) FPD87310 Datasheet HTML 8Page - National Semiconductor (TI) FPD87310 Datasheet HTML 9Page - National Semiconductor (TI) FPD87310 Datasheet HTML 10Page - National Semiconductor (TI) FPD87310 Datasheet HTML 11Page - National Semiconductor (TI) FPD87310 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AC Electrical Characteristics (Continued)
EEPROM INTERFACE TIMING
This table is provided for reference only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
f
SC
EE_SC Clock Frequency
100
kHz
SC:LOW
Clock Low Period
R
P = 4.7 kΩ,CL = 50 pF
4.7
µs
SC:HIGH
Clock High Period
R
P = 4.7 kΩ,CL = 50 pF
4.0
µs
SCD:TR
EE_SC and EE_SD Rise Time
R
P = 4.7 kΩ,CL = 50 pF
1.0
µs
SCD:TF
EE_SC and EE_SD Fall Time
R
P = 4.7 kΩ,CL = 50 pF
0.3
µs
HD:STA
Start Condition Hold Time
R
P = 4.7 kΩ,CL = 50 pF
4.0
µs
HD:STO
Stop Condition Hold Time
R
P = 4.7 kΩ,CL = 50 pF
0.6
µs
DL:DAT
H
Clock Falling Edge to Data High
R
P = 4.7 kΩ,CL = 50 pF
400
ns
DL:DAT
L
Clock Falling Edge to Data Low
R
P = 4.7 kΩ,CL = 50 pF
400
ns
SU:DAT
Data Latch Setup Time
R
P = 4.7 kΩ,CL = 50 pF
250
ns
HD:DAT
Data Latch Hold Time
R
P = 4.7 kΩ,CL =50 pF
5
µs
BUF
Bus Free Time
R
P = 4.7 kΩ,CL = 50 pF
4.7
µs
DS101077-14
FIGURE 9. EEPROM Interface Bus Timing
DS101077-15
FIGURE 10. EEPROM Sequential Read
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com