Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD87310 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87310
Description  Universal Interface XGA Panel Timing Controller with RSDS??(Reduced Swing Differential Signaling) and FPD-Link
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87310 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button FPD87310 Datasheet HTML 7Page - National Semiconductor (TI) FPD87310 Datasheet HTML 8Page - National Semiconductor (TI) FPD87310 Datasheet HTML 9Page - National Semiconductor (TI) FPD87310 Datasheet HTML 10Page - National Semiconductor (TI) FPD87310 Datasheet HTML 11Page - National Semiconductor (TI) FPD87310 Datasheet HTML 12Page - National Semiconductor (TI) FPD87310 Datasheet HTML 13Page - National Semiconductor (TI) FPD87310 Datasheet HTML 14Page - National Semiconductor (TI) FPD87310 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Programmable Registers
At power-up, data is read from an external EEPROM. If anything other than 00H is read back on the first EEPROM access (in-
dicating EEPROM not present), the internal default values are used.
Pull-Up must be used on EE_SD pin if external EEPROM is not used.
The following parameters are initialized at power up.
TABLE 1. FPD87310 Programmable Register Definition
Control
Registers
EEPROM
Address
The CONTROL REGISTER provide more setting information to the
input and output interfaces.
Output Format
Control
(16 bits)
082
H, 081H
[2:0]
Reserved
[3]
Output Data Inversion
“0” - Data inversion is Disabled
“1” - Data inversion is Enabled
[4]
Output Data Inversion/Polarity
“0” - Data Inversion when GPO[0] is “0”
“1” - Data inversion when GPO[0] is “1”
[7:5]
Reserved
[11:8]
RSDS output setup/hold time control
[13:12]
Unused Pixels
“00” - no unconnected pixels at beginning of first CD
“01” - 1 unconnected pixels at beginning of first CD
“10” - 2 unconnected pixels at beginning of first CD
“11” - 3 unconnected pixels at beginning of first CD
[15:14]
Reserved
Input Format
Control
(8 bits)
085
H
[1:0]
Reserved
[2]
Reserved
[3]
Frame Rate Control (8 bits only)
“0” - Enable Frame Rate Control
“1” - Disable Frame Rate Control (Truncate LSBs)
[4]
8/6 Bits Video
“0” - 6 Bits Video
“1” - 8 Bits Video
[5]
Reserved
[7:6]
Black or White data Generation
“00” - No data manipulation is performed
“10” - Data goes to “0” when GPO[9] is “0”
“11” - Data goes to “1” when GPO[9] is “0”
Black data “0” or White data “1” will be output on lines > 768.
GPO[9] must be programmed to > 768 lines for data to be output.
Horizontal
Backporch
(11 bits)
087
H, 086H
# of 65 MHz clocks after the falling edge of HYSYNC until start of video.
Vertical
Backporch
(11 bits)
089
H, 088H
# of HSYNC from VSYNC falling edge until start of video.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com