Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD87310 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87310
Description  Universal Interface XGA Panel Timing Controller with RSDS??(Reduced Swing Differential Signaling) and FPD-Link
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87310 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button FPD87310 Datasheet HTML 10Page - National Semiconductor (TI) FPD87310 Datasheet HTML 11Page - National Semiconductor (TI) FPD87310 Datasheet HTML 12Page - National Semiconductor (TI) FPD87310 Datasheet HTML 13Page - National Semiconductor (TI) FPD87310 Datasheet HTML 14Page - National Semiconductor (TI) FPD87310 Datasheet HTML 15Page - National Semiconductor (TI) FPD87310 Datasheet HTML 16Page - National Semiconductor (TI) FPD87310 Datasheet HTML 17Page - National Semiconductor (TI) FPD87310 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Programmable Registers (Continued)
TABLE 2. Internal Default Register Values and EEPROM Memory Map (Continued)
No
Address
Bits
Control Register
Register Name
Default Values
42
CB
CA
11
GPO7 Horizontal Start
reg_gpo7_pstart
00 00 01 42
41
C9
8
GPO6 Control Register
reg_gpo6_cont
00
09
40
C8
C7
11
GPO6 Vertical Duration
reg_gpo6_Icount
00 00 00 01
39
C6
C5
11
GPO6 Vertical Start
reg_gpo6_Istart
00 00 00 01
38
C4
C3
11
GPO6 Horizontal Duration
reg_gpo6_pcount
00 00 00 40
37
C2
C1
11
GPO6 Horizontal Start
reg_gpo6_pstart
00 00 00 C2
36
C0
8
GPO5 Control Register
reg_gpo5_cont
00
01
35
BF
BE
11
GPO5 Vertical Duration
reg_gpo5_Icount
00 00 00 01
34
BD
BC
11
GPO5 Vertical Start
reg_gpo5_Istart
00 00 00 01
33
BB
BA
11
GPO5 Horizontal Duration
reg_gpo5_pcount
00 00 00 40
32
B9
B8
11
GPO5 Horizontal Start
reg_gpo5_pstart
00 00 00 42
31
B7
8
GPO4 Control Register
reg_gpo4_cont
00
00
30
B6
B5
11
GPO4 Vertical Duration
reg_gpo4_Icount
00 00 00 00
29
B4
B3
11
GPO4 Vertical Start
reg_gpo4_Istart
00 01 00 01
28
B2
B1
11
GPO4 Horizontal Duration
reg_gpo4_pcount
00 50 00 50
27
B0
AF
11
GPO4 Horizontal Start
reg_gpo4_pstart
03 FA 03 FA
26
AE
8
GPO3 Control Register
reg_gpo3_cont
00
20
25
AD
AC
11
GPO3 Vertical Duration
reg_gpo3_Icount
00 00 00 00
24
AB
AA
11
GPO3 Vertical Start
reg_gpo3_Istart
00 01 00 01
23
A9
A8
11
GPO3 Horizontal Duration
reg_gpo3_pcount
02 A0 00 00
22
A7
A6
11
GPO3 Horizontal Start
reg_gpo3_pstart
03 86 00 02
21
A5
8
GPO2 Control Register
reg_gpo2_cont
00
01
20
A4
A3
11
GPO2 Vertical Duration
reg_gpo2_Icount
00 01 00 01
19
A2
A1
11
GPO2 Vertical Start
reg_gpo2_Istart
00 01 00 01
18
A0
9F
11
GPO2 Horizontal Duration
reg_gpo2_pcount
05 46 00 A0
17
9E
9D
11
GPO2 Horizontal Start
reg_gpo2_pstart
00 02 00 02
16
9C
8
GPO1 Control Register
reg_gpo1_cont
07
07
15
9B
9A
11
GPO1 Vertical Duration
reg_gpo1_Icount
00 01 00 01
14
99
98
11
GPO1 Vertical Start
reg_gpo1_Istart
00 01 00 01
13
97
96
11
GPO1 Horizontal Duration
reg_gpo1_pcount
04 00 04 00
12
95
94
11
GPO1 Horizontal Start
reg_gpo1_pstart
03 FA 03 FA
11
93
8
GPO0 Control Register
reg_gpo0_cont
06
06
10
92
91
11
GPO0 Vertical Duration
reg_gpo0_Icount
00 01 00 01
9
90
8F
11
GPO0 Vertical Start
reg_gpo0_Istart
00 02 00 02
8
8E
8D
11
GPO0 Horizontal Duration
reg_gpo0_pcount
04 00 04 00
7
8C
8B
11
GPO0 Horizontal Start
reg_gpo0_pstart
03 FA 03 FA
6
8A
8
(Reserved)
5
89
88
11
Vertical Backporch
reg_vbp
00 23 00 23
4
87
86
11
Horizontal Backporch
reg_hbp
01 28 01 28
3
85
8
Input Format Control
reg_input_format
00
00
00
2
84
8
(Reserved)
1
83
8
(Reserved)
0
82
81
16
Output Format Control
reg_output_format
02 00 02 00 02 00
80
8
(Programmed to “00H” for EEPROM auto detect)
00
00
00
7F–00
DDC VESA DATA
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com