Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89682K Datasheet(PDF) 4 Page - Aplus Intergrated Circuits

Part # P89682K
Description  VOICE OTP IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P89682K Datasheet(HTML) 4 Page - Aplus Intergrated Circuits

  P89682K Datasheet HTML 1Page - Aplus Intergrated Circuits P89682K Datasheet HTML 2Page - Aplus Intergrated Circuits P89682K Datasheet HTML 3Page - Aplus Intergrated Circuits P89682K Datasheet HTML 4Page - Aplus Intergrated Circuits P89682K Datasheet HTML 5Page - Aplus Intergrated Circuits P89682K Datasheet HTML 6Page - Aplus Intergrated Circuits P89682K Datasheet HTML 7Page - Aplus Intergrated Circuits P89682K Datasheet HTML 8Page - Aplus Intergrated Circuits P89682K Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Integrated Circuits Inc.
aP89682K/341K/170K/085K
Ver 2.5.1
4
May 24 2016
PIN NAMES :
PIN
(24-pin)
Playback
Mode
OTP
Program
Mode
Description
1
S7
Trigger pin (I/O pin with internal pull-down).
2
S8
Trigger pin (I/O pin with internal pull-down).
3
VPP
VPP
Supply ground.
4
VOUT1
PWM output to drive speaker directly.
5
VOUT2
PWM output to drive speaker directly.
6
VDDP
VDDP
Supply voltage.
7
VDDA
VDDA
Analog supply voltage.
8
NC
9
OSC
Oscillator input.
10
COUT
DAC current output.
11
VSS
VSS
Supply ground.
12
OUT3
Programmable output (I/O pin).
13
OUT2
Programmable output (I/O pin).
14
OUT1
Programmable output (I/O pin).
15
RST
RST
Reset pin (input pin with internal pull-down).
16
SBT
SBT
Trigger pin (I/O pin with internal pull-down).
17
M1
Mode select pin 1 (input with internal pull-down).
18
M0
Mode select pin 0 (input with internal pull-down).
19 ~ 24
S1~S6
S2、S3
Trigger pin (I/O pin with internal pull-down).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com