Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89682K Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # P89682K
Description  VOICE OTP IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P89682K Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

Back Button P89682K Datasheet HTML 2Page - Aplus Intergrated Circuits P89682K Datasheet HTML 3Page - Aplus Intergrated Circuits P89682K Datasheet HTML 4Page - Aplus Intergrated Circuits P89682K Datasheet HTML 5Page - Aplus Intergrated Circuits P89682K Datasheet HTML 6Page - Aplus Intergrated Circuits P89682K Datasheet HTML 7Page - Aplus Intergrated Circuits P89682K Datasheet HTML 8Page - Aplus Intergrated Circuits P89682K Datasheet HTML 9Page - Aplus Intergrated Circuits P89682K Datasheet HTML 10Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Integrated Circuits Inc.
aP89682K/341K/170K/085K
Ver 2.5.1
6
May 24 2016
During voice playback, an external resistor is connected between this pin and the VDD pin to set the
sampling frequency. Or keep OSC floating if choosing INT-Rosc.
Note : External resistor is 68K Ω.
•
VPP :
During voice playback, this pin and VSS must be connected together to the power ground.
In Circuit Program : This pin is connected to a separate 8.5V power supply voltage for OTP
programming. Connect resistor between power ground and VPP.
Note : Resistor is 10K Ω.
•
OUT1, OUT2 and OUT3 :
OUT1,OUT2 and OUT3 can select output function as below :
1. Busy- H : When voice is playing, output high level signal.
2. Busy- L : Inverted output of Busy- H.
3. LED- Flash : When voice is playing, output LED flash pulse.
4. ~LED- Flash : Inverted output of LED- Flash.
5. Stop- H : When voice plays finished, output stop pulse.
6. Stop- L : Inverted output of Stop- H.
7. Load : After load voice data to buffer success, output logic high signal.
8. Prog-Busy - H : When voice of Prog-Busy set 1, high pulse output.
When voice of Prog-Busy set 0, low pulse output.
9. Prog-Busy - L : Inverted output of Prog-Busy - H.
•
COUT :
16-bits current mode DAC output for voice playback.
•
RST :
Chip reset in playback mode.
External reset pull high a capacitor if used internal reset not. capacitor :100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com