Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LETH3W Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LETH3W
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LETH3W Datasheet(HTML) 1 Page - OSRAM GmbH

  LETH3W Datasheet HTML 1Page - OSRAM GmbH LETH3W Datasheet HTML 2Page - OSRAM GmbH LETH3W Datasheet HTML 3Page - OSRAM GmbH LETH3W Datasheet HTML 4Page - OSRAM GmbH LETH3W Datasheet HTML 5Page - OSRAM GmbH LETH3W Datasheet HTML 6Page - OSRAM GmbH LETH3W Datasheet HTML 7Page - OSRAM GmbH LETH3W Datasheet HTML 8Page - OSRAM GmbH LETH3W Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LE A H3W, LE T H3W, LE B H3W
OSRAM OSTAR - Projection
Lead (Pb) Free Product - RoHS Compliant
Vorläufige Daten / Preliminary Data
2010-03-03
1
Besondere Merkmale
• Gehäusetyp: Kompakte Lichtquelle in
Multi-Chip on Board Technologie mit
Glasabdeckung
• Besonderheit des Bauteils: extrem hohe
Helligkeit und Leuchtdichte dank
Oberflächenemission und niedrigem R
th
Vorbereitet für den Einsatz mit zus. Optik
• Wellenlänge: 617 nm (amber); 520 nm (true
green); 464 nm (blue)
• Abstrahlwinkel: Lambertscher Strahler (120°)
• Abstrahlende Fläche: typ. 3,2 x 2,1 mm²
• Technologie: Thinfilm InGaAlP; ThinGaN
• Leuchtdichte: 26*10
6 cd/m² (amber);
41*10
6 cd/m² (true green); 9*106 cd/m² (blue)
• Montierbarkeit: verschraubbar
• Stecker: 10 Pin JST SM 10B-SRSS-TB
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-D
• Verpackungseinheit: 50 St. pro Box
= Verpackungseinheit
• Erweiterte Korrosionsfestigkeit:
Details siehe Seite 14
Anwendungen
• Projektion
• Medizintechnik: Operationslampen
• Strahler für die Allgemeinbeleuchtung
Features
• package: compact lightsource in multi chip on
board technology with glass window on top
• feature of the device: outstanding brightness
and luminance due to pure surface emission
and low R
th
prepared for additional optics
• wavelength: 617 nm (amber); 520 nm (true
green); 464 nm (blue)
• viewing angle: Lambertian Emitter (120°)
• light emitting surface: typ. 3.2 x 2.1 mm²
• technology: Thinfilm InGaAlP; ThinGaN
• Luminance: 26*10
6 cd/m² (amber);
41*10
6 cd/m² (true green); 9*106 cd/m² (blue)
• mounting methods: screw holes
• connector: 10 Pin JST SM 10B-SRSS-TB
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-D
• method of packing: 50 pcs. per tray
= packing unit
• Superior Corrosion Robustness:
details see page 14
Applications
• projection
• medical lighting: surgery light
• spotlights


Similar Part No. - LETH3W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LETH3W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com