Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LETH3W Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LETH3W
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LETH3W Datasheet(HTML) 4 Page - OSRAM GmbH

  LETH3W Datasheet HTML 1Page - OSRAM GmbH LETH3W Datasheet HTML 2Page - OSRAM GmbH LETH3W Datasheet HTML 3Page - OSRAM GmbH LETH3W Datasheet HTML 4Page - OSRAM GmbH LETH3W Datasheet HTML 5Page - OSRAM GmbH LETH3W Datasheet HTML 6Page - OSRAM GmbH LETH3W Datasheet HTML 7Page - OSRAM GmbH LETH3W Datasheet HTML 8Page - OSRAM GmbH LETH3W Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2010-03-03
4
LE A H3W, LE T H3W, LE B H3W
Kennwerte
Characteristics
(
T
A = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
amber
true
green
blue
Wellenlänge des emittierten Lichtes
Wavelength at peak emission
(typ.)
I
F = 1 A
λ
peak
627
516
460
nm
Dominantwellenlänge
3) Seite 19
(min.)
Dominant wavelength
3) page 19
(typ.)
I
F = 1 A
(max.)
λ
dom
λ
dom
λ
dom
613
617
625
509
520
533
456
464
469
nm
nm
nm
Spektrale Bandbreite bei 50 %
Ι
Vrel max
Spectral bandwidth at 50 %
Ι
Vrel max
(typ.)
I
F = 1 A
Δλ
26
44
30
nm
Abstrahlwinkel bei 50 %
Ι
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
Ι
V
2
ϕ
120
Grad
deg.
Durchlassspannung pro Chip
4) Seite 19
(min.)
Forward voltage per chip
4) page 19
(typ.)
I
F = 1 A
(max.)
V
F
V
F
V
F
2.25
2.8
3.95
3.1
3.8
4.65
V
V
V
Optischer Wirkungsgrad
Optical efficiency
(typ.)
I
F = 1 A
η
opt
28
30
7
lm/W
Abstrahlende Fläche
(typ.)
Radiating Surface
A
Color
3.2 x 2.1
mm²
Leuchtdichte
Luminance
(typ.)
I
F = 1 A
L
V
26*10
6
41*10
6
9*10
6
cd/m²
Partieller Lichtfluss
Partial flux
(typ.)
acc. CIE 127:2007
Φ
LED, 120
0.82 x
Φ
LED, 180
lm
Wärmewiderstand des gesamten Moduls
Thermal resistance of the module
Sperrschicht / Bodenplatte
Junction / base plate
R
th JB
2.0 (typ.)
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com