Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LETH3W Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LETH3W
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LETH3W Datasheet(HTML) 5 Page - OSRAM GmbH

  LETH3W Datasheet HTML 1Page - OSRAM GmbH LETH3W Datasheet HTML 2Page - OSRAM GmbH LETH3W Datasheet HTML 3Page - OSRAM GmbH LETH3W Datasheet HTML 4Page - OSRAM GmbH LETH3W Datasheet HTML 5Page - OSRAM GmbH LETH3W Datasheet HTML 6Page - OSRAM GmbH LETH3W Datasheet HTML 7Page - OSRAM GmbH LETH3W Datasheet HTML 8Page - OSRAM GmbH LETH3W Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LE A H3W, LE T H3W, LE B H3W
2010-03-03
5
R
T = NTC resistance in Ω at temperature T in K
R
N = NTC resistance in Ω at rated temperature TN
in K (T
N = 298 K for test condition)
T, T
N = temperature in K
e = base of the natural logarithm (e = 2.71828)
B = B value, material specific constant of the NTC
thermistor
Typische Thermistor Kennlinie
2) 5) Seite 19
Typical Thermistor Graph
2) 5) page 19
I
F = f (VF); Tboard = 25 °C
SMD NTC Thermistors
SMD NTC Thermistors
R
25
[Ω]
No. of R/T
characteristic
s*
B
25/50
[K]
B
25/85
[K]
Resistance
Tolerance
Δ R
N/RN
B value
Tolerance
Δ B/B
P
NTC,max,25
[mW]
10k
EPCOS 8502
3940
3980
± 5%
± 3%
180
* for further information please visit www.epcos.com
R
T
R
N
e
B
1
T
---
1
T
N
------
–
⎝⎠
⎛⎞
⋅
⋅
=
BB
NT
⁄
TT
N
⋅
TT
N
–
----------------
R
N
R
T
-------
ln
⋅
==
0
0˚C
T
R
Ω
OHL02609
NTC
1000
2000
3000
4000
5000
6000
7000
10000
10 20 30 40 50 60 70
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com