Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LETH3W Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LETH3W
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LETH3W Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LETH3W Datasheet HTML 8Page - OSRAM GmbH LETH3W Datasheet HTML 9Page - OSRAM GmbH LETH3W Datasheet HTML 10Page - OSRAM GmbH LETH3W Datasheet HTML 11Page - OSRAM GmbH LETH3W Datasheet HTML 12Page - OSRAM GmbH LETH3W Datasheet HTML 13Page - OSRAM GmbH LETH3W Datasheet HTML 14Page - OSRAM GmbH LETH3W Datasheet HTML 15Page - OSRAM GmbH LETH3W Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
LE A H3W, LE T H3W, LE B H3W
2010-03-03
12
Dominante Wellenlänge
2) Seite 19
Dominant Wavelength
2) page 19
λ
dom = f (Tj); IF = 1 A; LE A H3W
Dominante Wellenlänge
2) Seite 19
Dominant Wavelength
2) page 19
λ
dom = f (Tj); IF = 1 A; LE B H3W
Dominante Wellenlänge
2) Seite 19
Dominant Wavelength
2) page 19
λ
dom = f (Tj); IF = 1 A; LE T H3W
-6
T
j
OHL03740
nm
-40
˚C
-20
0
20 40 60 80
120
Δλ
dom
-4
-2
0
2
4
6
8
-6
T
j
OHL03739
nm
-40
˚C
-20
0
20 40 60 80
120
Δλ
dom
-4
-2
0
2
4
6
8
-6
T
j
OHL03741
nm
-40
˚C
-20
0
20 40 60 80
120
Δλ
dom
-4
-2
0
2
4
6
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com